Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 11 Page - Acconeer AB

Part # A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 11 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 7Page - Acconeer AB A121-001-R Datasheet HTML 8Page - Acconeer AB A121-001-R Datasheet HTML 9Page - Acconeer AB A121-001-R Datasheet HTML 10Page - Acconeer AB A121-001-R Datasheet HTML 11Page - Acconeer AB A121-001-R Datasheet HTML 12Page - Acconeer AB A121-001-R Datasheet HTML 13Page - Acconeer AB A121-001-R Datasheet HTML 14Page - Acconeer AB A121-001-R Datasheet HTML 15Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
Page 11 of 29
2023-03-30
© 2023 Copyright by Acconeer
4.5 Current Consumption
Table 7 summarizes the steady-state current consumption for the sensor states, average current ratings
at all power terminals (VDIG, VIO, VRX, VTX), VIO 1.8 V, at Top = 25ºC. A power state defines in
what mode the sensor waits in between measurements and where DEEP_SLEEP, SLEEP and READY
states are configurable.
Parameter
Typ.
Unit
OFF
VDIG
0.34
µA
OFF
VIO
0
µA
OFF
VRX
0
µA
OFF
VTX
0.06
µA
HIBERNATE
VDIG
11.0
µA
HIBERNATE
VIO
0.05
µA
HIBERNATE
VRX
0.03
µA
HIBERNATE
VTX
0.02
µA
DEEP_SLEEP
VDIG
922
µA
DEEP_SLEEP
VIO
43.4
µA
DEEP_SLEEP
VRX
34.1
µA
DEEP_SLEEP
VTX
39.3
µA
SLEEP
VDIG
1.35
mA
SLEEP
VIO
43.4
µA
SLEEP
VRX
55.7
µA
SLEEP
VTX
59.9
µA
READY
VDIG
54.1
mA
READY
VIO
43.4
µA
READY
VRX
3.56
mA
READY
VTX
1.91
mA
MEASURE, PROFILE 1
VDIG
60.7
mA
MEASURE, PROFILE 1
VIO
0.05
µA
MEASURE, PROFILE 1
VRX
5.03
mA
MEASURE, PROFILE 1
VTX
4.58
mA
MEASURE, PROFILE 2
VDIG
61.2
mA
MEASURE, PROFILE 2
VIO
0
µA
MEASURE, PROFILE 2
VRX
5.17
mA
MEASURE, PROFILE 2
VTX
3.47
mA
MEASURE, PROFILE 3
VDIG
61.6
mA
MEASURE, PROFILE 3
VIO
0.05
µA
MEASURE, PROFILE 3
VRX
5.53
mA
MEASURE, PROFILE 3
VTX
4.36
mA
MEASURE, PROFILE 4
VDIG
61.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com