Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 17 Page - Acconeer AB

Part # A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 17 Page - Acconeer AB

Back Button A121-001-R Datasheet HTML 13Page - Acconeer AB A121-001-R Datasheet HTML 14Page - Acconeer AB A121-001-R Datasheet HTML 15Page - Acconeer AB A121-001-R Datasheet HTML 16Page - Acconeer AB A121-001-R Datasheet HTML 17Page - Acconeer AB A121-001-R Datasheet HTML 18Page - Acconeer AB A121-001-R Datasheet HTML 19Page - Acconeer AB A121-001-R Datasheet HTML 20Page - Acconeer AB A121-001-R Datasheet HTML 21Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
Page 17 of 29
2023-03-30
© 2023 Copyright by Acconeer
6
Hardware integration
The A121 sensor can be configured for a 3.3 V or 1.8 V host interface as shown in Figure 6.1 and
Figure 6.2.
A121
INTERRUPT
SPI_SS
SPI_MISO
SPI_MOSI
SPI_CLK
ENABLE
VRX
VTX
VDIG
RESET_N
XIN
XOUT
1.8 V
X1
C6
C5
C2
C3
Host
(3.3 V)
C1
C4
VIO
3.3 V
Figure 6.1. Recommended integration of the A121 radar sensor for 3.3 V host interface.
A121
INTERRUPT
SPI_SS
SPI_MISO
SPI_MOSI
SPI_CLK
ENABLE
VRX
VTX
VDIG
RESET_N
XIN
XOUT
1.8 V
X1
C6
C5
C2
C3
Host
(1.8 V)
C1
VIO
Figure 6.2 Recommended integration of the A121 radar sensor for 1.8 V host interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com