Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A121-001-R Datasheet(PDF) 5 Page - Acconeer AB

Part # A121-001-R
Description  A121 – Pulsed Coherent Radar (PCR)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A121-001-R Datasheet(HTML) 5 Page - Acconeer AB

  A121-001-R Datasheet HTML 1Page - Acconeer AB A121-001-R Datasheet HTML 2Page - Acconeer AB A121-001-R Datasheet HTML 3Page - Acconeer AB A121-001-R Datasheet HTML 4Page - Acconeer AB A121-001-R Datasheet HTML 5Page - Acconeer AB A121-001-R Datasheet HTML 6Page - Acconeer AB A121-001-R Datasheet HTML 7Page - Acconeer AB A121-001-R Datasheet HTML 8Page - Acconeer AB A121-001-R Datasheet HTML 9Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
A121 Pulsed Coherent Radar (PCR)
Datasheet v1.0
Page 5 of 29
2023-03-30
© 2023 Copyright by Acconeer
2
Description
Note that explanations of definitions can be found at docs.acconeer.com/handbook.
The A121 is an optimized low-power, high-precision, 60 GHz radar sensor with integrated Baseband,
RF front-end, and Antenna in Package (AiP).
The sensor is based on pulsed coherent radar (PCR) technology, featuring a leading-edge patented
solution with picosecond time resolution. The A121 is the perfect choice for implementing high-
accuracy, high-resolution sensing systems with low power consumption.
Ordering information
Part number
Package
Size (nom)
Primary component container
A121-001-T&R
fcCSP50
5.2 x 5.5 x 0.88 mm
Tape & reel
A121-001-TY
fcCSP50
5.2 x 5.5 x 0.88 mm
13” Tray
Acconeer A121 marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com