Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 12Page - NXP Semiconductors MPC604EC Datasheet HTML 13Page - NXP Semiconductors MPC604EC Datasheet HTML 14Page - NXP Semiconductors MPC604EC Datasheet HTML 15Page - NXP Semiconductors MPC604EC Datasheet HTML 16Page - NXP Semiconductors MPC604EC Datasheet HTML 17Page - NXP Semiconductors MPC604EC Datasheet HTML 18Page - NXP Semiconductors MPC604EC Datasheet HTML 19Page - NXP Semiconductors MPC604EC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
604 Hardware Specifications
Preliminary/Subject to Change without Notice
1.5.2 Pinout Listing for the BGA Package
Table 10 provides the pinout listing for the 604 BGA package.
TCK
252
High
Input
TDI
250
High
Input
TDO
248
High
Output
TEA
194
Low
Input
TMS
251
High
Input
TRST
253
Low
Input
TS
187
Low
I/O
TSIZ0–TSIZ2
246, 245, 243
High
I/O
TT0–TT4
239, 238, 231, 229, 227
High
I/O
WT
302
Low
Output
VDD 3
1, 9, 17, 25, 33, 41, 48, 56, 64, 72, 157, 165, 173, 181, 188,
196, 204, 212, 220, 228, 242, 258
——
XATS
189
Low
I/O
Notes:
1. These are test signals for factory use only and must be pulled up to VDD for normal machine operation.
2. These are drive mode signals that must be pulled up to VDD to operate in accordance with these
specifications.
3. In the Motorola 604 C4-CQFP package, there is no electrical distinction between the OVDD and the VDD
pins. These signals are internally shorted together. The OVDD and VDD signals have been listed
separately to maintain compatibility with future parts.
Table 10. Pinout Listing for the BGA Package
Signal Name
Pin Number
Active
I/O
A0–A31
C16, E04, D13, F02, D14, G01, D15, E02, D16, D04, E13,
GO2, E15, H01, E16, H02, F13, J01, F14, J02, F15, H03,
F16, F04, G13, K01, G15, K02, H16, M01, J15, P01
High
I/O
AACK
L02
Low
Input
ABB
K04
Low
I/O
AP0–AP3
C01, B04, B03, B02
High
I/O
APE
A04
Low
Output
ARRAY_WR 1
B07
Low
Input
ARTRY
J04
Low
I/O
AVDD
A10
—
—
Table 9. Pinout Listing for the C4-CQFP Package (Continued)
Signal Name
Pin Number
Active
I/O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com