Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC604EC Datasheet HTML 1Page - NXP Semiconductors MPC604EC Datasheet HTML 2Page - NXP Semiconductors MPC604EC Datasheet HTML 3Page - NXP Semiconductors MPC604EC Datasheet HTML 4Page - NXP Semiconductors MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
604 Hardware Specifications
Preliminary/Subject to Change without Notice
1.1 General Parameters
Technology
0.5
µm CMOS, four-layer metal
Chip size
196 mm2, 12.4 mm x 15.8 mm
Packages
Surface-mount 304-pin C4-CQFP
Surface-mount 255-lead ceramic ball grid array (BGA)
Voltage
3.3 V
± 5%
Maximum power dissipation 24 W @ 133 MHz
19 W @ 100 MHz
1.2 Electrical and Thermal Characteristics
This section provides both the AC and DC electrical specifications and thermal characteristics for the 604.
The following specifications are preliminary and subject to change without notice. For the most recent
specifications, contact your local Motorola or IBM sales office.
1.2.1 DC Electrical Characteristics
Table 1 and Table 2 provide the absolute maximum rating and thermal characteristics for the 604.
Table 1. PowerPC 604 Microprocessor Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Supply voltage
Vdd
–0.3 to 3.6
V
Input voltage
Vin
–0.3 to 5.5
V
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1. Functional operating conditions are given in DC electrical specifications. Absolute
maximum ratings are stress ratings only, and functional operation at the maximums is
not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: Input voltage must not be greater than the supply voltage by more than 2.5 V
during power-on reset.
Table 2. PowerPC 604 Microprocessor Thermal Characteristics
Characteristic
Symbol
Value
Rating
C4-CQFP package thermal resistance, junction-to-case
θJC
0.03
°C/W
BGA package thermal resistance, junction-to-case
θJC
0.03
°C/W
Notes:
1. For the BGA package, the
θJC measurement is made from die junction to the back of the
bare silicon die.
2. The junction temperature of the chip is a function of several parameters including
θJC.
Please refer to Section 1.8, “Thermal Management Information,” for additional details.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com