Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 3Page - NXP Semiconductors MPC604EC Datasheet HTML 4Page - NXP Semiconductors MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors MPC604EC Datasheet HTML 10Page - NXP Semiconductors MPC604EC Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
604 Hardware Specifications
7
Preliminary/Subject to Change without Notice
20
SYSCLK to ARTRY and SHD precharge
enable
—
0.5*
tsysclk
+
0.75
—
0.5*
tsysclk
+
0.75
—
0.5*
tsysclk
+
0.75
ns
3
21
Maximum delay to ARTRY and SHD
precharge
—
1.5*
tsysclk
—
1.5*
tsysclk
—
1.5*
tsysclk
ns
3
22
SYSCLK to ARTRY and SHD high
impedance after precharge
—
2.0*
tsysclk
—
2.0*
tsysclk
—
2.0*
tsysclk
ns
3
Rise time (ARTRY, SHD, ABB, DBB, TS,
and XATS)
1.0
1.0
1.0
ns
4
Rise time (all signals except ARTRY,
SHD, ABB, DBB, TS, and XATS)
1.0
1.0
1.0
ns
4
Fall time (ARTRY, SHD, ABB, DBB, TS,
and XATS)
1.0
1.0
1.0
ns
4
Fall time (all signals except ARTRY, SHD,
ABB, DBB, TS, and XATS)
1.0
1.0
1.0
ns
4
Notes:
1. These values are guaranteed by design, and are not tested.
2. SYSCLK to output valid (5.5 V to 0.8 V) includes the extra delay associated with discharging the external
voltage from 5.5 V to 0.8 V instead of from 3.6 V to 0.8 V (5-V CMOS levels instead of 3.3-V CMOS
levels).
3. t
sysclk
is the period of the external bus clock (SYSCLK) in nanoseconds (ns). When the unit is given as
t
sysclk
the numbers given in the table must be multiplied by the period of SYSCLK to compute the actual
time duration (in nanoseconds) of the parameter in question.
4. These specifications are nominal values.
Table 7. PowerPC 604 Microprocessor Output AC Timing Specifications (Continued)
Vdd = 3.3
± 5% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ Tj ≤ 105 °C
Num
Characteristic
100 MHz
120 MHz
133 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com