Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC604EC Datasheet HTML 1Page - NXP Semiconductors MPC604EC Datasheet HTML 2Page - NXP Semiconductors MPC604EC Datasheet HTML 3Page - NXP Semiconductors MPC604EC Datasheet HTML 4Page - NXP Semiconductors MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
604 Hardware Specifications
Preliminary/Subject to Change without Notice
1.3.1 Clock AC Specifications
Table 5 provides the clock AC timing specifications as defined in Figure 1.
Figure 1 provides the SYSCLK input timing diagram.
Figure 1. SYSCLK Input Timing Diagram
Table 5. PowerPC 604 Microprocessor Clock AC Timing Specifications
Vdd = 3.3
± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
Num
Characteristic
100 MHz
120 MHz
133 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
Frequency of operation
50
100.0
60.0
120.0
66.67
133.3
MHz
1
Frequency of VCO
180
360
180
360
180
360
MHz
2
SYSCLK frequency
16.67
66.67
20.0
66.67
22.2
66.67
MHz
3
1
SYSCLK cycle time
15.0
60.0
15.0
50.0
15.0
45.0
ns
2,3
SYSCLK rise and fall time
1.0
2.0
1.0
2.0
1.0
2.0
ns
4
4
SYSCLK duty cycle measured at 1.4 V
40
60
40
60
40
60
%
5
SYSCLK jitter
—
±150
—
±150
—
±150
ps
5
6
Internal PLL relock time
—
100
—
100
—
100
µs
6, 7
Notes:
1. Times shown in specifications are only valid for the range of processor core frequencies specified.
2. Caution: The SYSCLK frequency and PLL_CFG0–PLL_CFG3 settings must be chosen such that the
resulting CPU (core) frequency and PLL (VCO) frequency do not exceed their respective maximum or
minimum operating frequencies.
3. AC timing specifications are tested up to the maximum SYSCLK (bus) frequency shown in Table 5.
However, it is theoretically possible to attain higher SYSCLK frequencies if allowed for by system design.
4. Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V.
5. This number refers to cycle-to-cycle jitter.
6. PLL relock time is the maximum amount of time required for PLL lock after a stable Vdd and SYSCLK are
reached during the power-on reset sequence. Also note that HRESET must be held asserted for a
minimum of 255 bus clocks after the PLL relock time (100
µs) during the power-on reset sequence.
7. Relock timing is guaranteed by design and is not tested.
VM
CVil
CVih
VM = Midpoint Voltage (1.4 V)
SYSCLK
1
2
3
4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com