Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC604EC Datasheet HTML 1Page - NXP Semiconductors MPC604EC Datasheet HTML 2Page - NXP Semiconductors MPC604EC Datasheet HTML 3Page - NXP Semiconductors MPC604EC Datasheet HTML 4Page - NXP Semiconductors MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
604 Hardware Specifications
5
Preliminary/Subject to Change without Notice
1.3.2 Input AC Specifications
Table 6 provides the input AC timing specifications for the 604 as defined in Figure 2.
Figure 2 provides the input timing diagram for the 604.
Figure 2. PowerPC 604 Microprocessor Input Timing Diagram
Table 6. PowerPC 604 Microprocessor Input AC Timing Specifications
Vdd = 3.3
± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
Num
Characteristic
100 MHz
120 MHz
133 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
7ARTRY, SHD, ABB, TS, XATS,
AACK,BG, DRTRY, TA, DBG, DBB, TEA,
DBDIS, and DBWO valid to SYSCLK
(setup)
5.5
—
5.0
—
5.0
ns
8
All other inputs valid to SYSCLK (setup)
5.5
—
4.0
—
4.0
—
ns
1
9
SYSCLK to all inputs invalid (hold)
0
—
0
—
0
—
ns
1
10
Mode select input valid to HRESET (input
setup for DRTRY)
8 *
tsysclk
—
8 *
tsysclk
—
8 *
tsysclk
—
ns
2,3,4,5
11
HRESET to mode select input invalid
(input hold for DRTRY)
0
—
0
—
0
—
ns
2,3,4,5
Notes:
1. All other input signals include the following signals—all inputs except ARTRY, SHD, ABB, TS, XATS,
AACK, BG, DRTRY, TA, DBG, DBB, DBWO, DBDIS, TEA, and JTAG inputs.
2. The setup and hold time is with respect to the rising edge of HRESET (see Figure 3).
3. tsysclk is the period of the external clock (SYSCLK) in nanoseconds.
4. These values are guaranteed by design, and are not tested.
5. Note this is for configuration of the fast-L2 mode. The DRTRY signal must be held negated during fast-L2
mode.
VM
SYSCLK
ALL INPUTS
VM = Midpoint Voltage (1.4V)
8
9
7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com