Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 2Page - NXP Semiconductors MPC604EC Datasheet HTML 3Page - NXP Semiconductors MPC604EC Datasheet HTML 4Page - NXP Semiconductors MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors MPC604EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
604 Hardware Specifications
Preliminary/Subject to Change without Notice
Figure 3 provides the timing diagram for the fast-L2 mode select input.
Figure 3. Fast-L2 Mode Select Input Timing Diagram
1.3.3 Output AC Specifications
Table 7 provides the output AC timing specifications for the 604 (shown in Figure 4).
Table 7. PowerPC 604 Microprocessor Output AC Timing Specifications
Vdd = 3.3
± 5% V dc, GND = 0 V dc, CL = 50 pF, 0 ≤ Tj ≤ 105 °C
Num
Characteristic
100 MHz
120 MHz
133 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
12
SYSCLK to output driven
(output enable time)
0.75
—
0.75
—
0.75
—
ns
1
13a
SYSCLK to TS, XATS, ARTRY, SHD,
ABB, and DBB output valid (for 5.5 V to
0.8 V)
—
8.5
—
7.5
—
7.0
ns
2
13b
SYSCLK to TS, XATS, ARTRY, SHD,
ABB, and DBB output valid (for 3.6 V to
0.8 V)
—
7.5
—
6.5
—
6.0
ns
14a
SYSCLK to all other signals output valid
(for 5.5 V to 0.8 V)
—
8.5
—
7.5
—
7.0
ns
2
14b
SYSCLK to all other signals output valid
(for 3.6 V to 0.8 V)
—
7.5
—
6.5
—
6.0
ns
15
SYSCLK to output invalid (output hold)
1.0
—
1.0
—
1.0
—
ns
16
SYSCLK to output high impedance (all
signals except ARTRY, SHD, ABB, DBB,
TS, and XATS)
—
7.0
—
6.5
—
6.0
ns
17
SYSCLK to output high impedance TS,
XATS
—
7.0
—
6.5
—
6.0
ns
18
SYSCLK to ABB and DBB high
impedance after precharge
—
1.0*
tsysclk
—
1.0*
tsysclk
—
1.0*
tsysclk
ns
3
19
SYSCLK to ARTRY and SHD high
impedance before precharge
—
7.0
—
6.5
—
6.0
ns
FAST-L2 MODE PIN
HRESET
11
VM
VM = Midpoint Voltage (1.4V)
10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com