Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors MPC604EC Datasheet HTML 10Page - NXP Semiconductors MPC604EC Datasheet HTML 11Page - NXP Semiconductors MPC604EC Datasheet HTML 12Page - NXP Semiconductors MPC604EC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
604 Hardware Specifications
9
Preliminary/Subject to Change without Notice
1.3.4 JTAG AC Timing Specifications
Table 8 provides the JTAG AC timing specifications.
Figure 5 provides the JTAG clock input timing diagram.
Figure 5. Clock Input Timing Diagram
Table 8. JTAG AC Timing Specifications (Independent of SYSCLK)
Num
Characteristic
Min
Max
Unit
Notes
TCK frequency of operation
0
16
MHz
1
TCK cycle time
62.5
—
ns
2
TCK clock pulse width measured at 1.5 V
25
—
ns
3
TCK rise and fall times
0
3
ns
4
TRST setup time to TCK rising edge
13
—
ns
2
5
TRST assert time
40
—
ns
6
Boundary-scan input data setup time
0
—
ns
7
Boundary-scan input data hold time
27
—
ns
8
TCK to output data valid
4
35
ns
9
TCK to output high impedance
3
24
ns
10
TMS, TDI data setup time
0
—
ns
11
TMS, TDI data hold time
25
—
ns
12
TCK to TDO data valid
4
24
ns
1
13
TCK to TDO high impedance
3
15
ns
1
Notes:
1. Load capacitance = 50 pF.
2. TRST is an asynchronous signal. The setup time is for test purposes.
TCK
VM
VM
1
2
2
3
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com