Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC604EC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC604EC
Description  PowerPC 604™ RISC Microprocessor Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC604EC Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC604EC Datasheet HTML 1Page - NXP Semiconductors MPC604EC Datasheet HTML 2Page - NXP Semiconductors MPC604EC Datasheet HTML 3Page - NXP Semiconductors MPC604EC Datasheet HTML 4Page - NXP Semiconductors MPC604EC Datasheet HTML 5Page - NXP Semiconductors MPC604EC Datasheet HTML 6Page - NXP Semiconductors MPC604EC Datasheet HTML 7Page - NXP Semiconductors MPC604EC Datasheet HTML 8Page - NXP Semiconductors MPC604EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
604 Hardware Specifications
3
Preliminary/Subject to Change without Notice
Table 3 provides the DC electrical characteristics for the 604.
Table 4 provides the power dissipation numbers for the 604.
1.3 AC Electrical Characteristics
This section provides the AC electrical characteristics for the 604. These specifications are for parts that
operate at processor core frequencies of 100, 120, and 133 MHz. The processor core frequency is
determined by the bus (SYSCLK) frequency and the settings of the PLL_CFG0–PLL_CFG3 pins. All
timings are specified respective to the SYSCLK.
Table 3. PowerPC 604 Microprocessor DC Electrical Specifications
Vdd = 3.3
± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C, Input capacitance = 10 pF maximum
Characteristic
Symbol
Min
Max
Unit
Input high voltage (all inputs except SYSCLK)
VIH
2
5.5
V
Input low voltage (all inputs except SYSCLK)
VIL
0
0.8
V
SYSCLK input high voltage
CVIH
2.4
5.5
V
SYSCLK input low voltage
CVIL
0
0.4
V
Output high voltage, IOH = –9 mA
VOH
2.4
—
V
Output low voltage, IOL = 9 mA
VOL
—
0.4
V
Table 4. PowerPC 604 Microprocessor Power Dissipation
Processor Core Frequency
Unit
Notes
100 MHz
120 MHz
133 MHz
Full-On Mode
1
Typical
Maximum
14.5
17.0
18.5
W
2
19.0
22.5
24.0
W
3
Notes:
1. Power measured does not include power dissipated in output drivers.
2. Typical power is an average value measured at 3.3 V in a system executing typical
applications and benchmark sequences. Typical power numbers should be used in planning
for proper thermal management.
3. Maximum power is measured at 3.3 V using a worst case instruction mix. These values should
be used for power supply design.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com