Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 2Page - Analog Devices ADAV400 Datasheet HTML 3Page - Analog Devices ADAV400 Datasheet HTML 4Page - Analog Devices ADAV400 Datasheet HTML 5Page - Analog Devices ADAV400 Datasheet HTML 6Page - Analog Devices ADAV400 Datasheet HTML 7Page - Analog Devices ADAV400 Datasheet HTML 8Page - Analog Devices ADAV400 Datasheet HTML 9Page - Analog Devices ADAV400 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADAV400
Rev. 0 | Page 6 of 36
DIGITAL TIMING
Table 2.
Parameter
Min
Max
Unit
Comments
MASTER CLOCK AND RESET
fMCLKI (MCLKI Frequency)
3.024
24.576
MHz
tMCH (MCLKI High)
10
ns
tMCL (MCLKI Low)
10
ns
tRLPW (RESET Low Pulse Width)
20
ns
I2C PORT
fSCL (SCL Clock Frequency)
400
kHz
tSCLH (SCL High)
0.6
μs
tSCLL (SCL Low)
1.3
μs
Start Condition
tSCS (Setup Time)
0.6
μs
Relevant for repeated start condition
tSCH (Hold Time)
0.6
μs
The first clock is generated after this period
tDS (Data Setup Time)
100
ns
tSCR (SCL Rise Time)
300
ns
tSCF (SCL Fall Time)
300
ns
tSDR (SDA Rise Time)
300
ns
tSDF (SDA Fall Time)
300
ns
Stop Condition
tSCSH (Setup Time)
0.6
μs
SERIAL PORTS
Slave Mode
tSBH (BCLKx High)
40
ns
tSBL (BCLKx Low)
40
ns
fSBF (BCLKx Frequency)
64 × fS
tSLS (LRCLKx Setup)
10
ns
To BCLK rising edge
tSLH (LRCLKx Hold)
10
ns
From BCLK rising edge
tSDS (SDINx Setup)
10
ns
To BCLK rising edge
tSDH (SDINx Hold)
10
ns
From BCLK rising edge
tSDD (SDOx Delay)
40
ns
From BCLK falling edge
Master Mode
tMLD (LRCLKx Delay)
5
ns
From BCLK falling edge
tMDD (SDOx Delay)
40
ns
From BCLK falling edge
tMDS (SDINx Setup)
10
ns
From BCLK rising edge
tMDH (SDINx Hold)
10
ns
From BCLK rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com