Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 17Page - Analog Devices ADAV400 Datasheet HTML 18Page - Analog Devices ADAV400 Datasheet HTML 19Page - Analog Devices ADAV400 Datasheet HTML 20Page - Analog Devices ADAV400 Datasheet HTML 21Page - Analog Devices ADAV400 Datasheet HTML 22Page - Analog Devices ADAV400 Datasheet HTML 23Page - Analog Devices ADAV400 Datasheet HTML 24Page - Analog Devices ADAV400 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ADAV400
Rev. 0 | Page 21 of 36
Table 14. Target/Slew RAM Ramp Type Settings
Settings
Ramp Type
00
Linear
01
Constant dB
10
RC
11
Constant time
The following sections detail how the control port writes to the
target/slew RAM to control the time constant and ramp type
parameters.
Ramp Types [1:3]—Linear, Constant dB, RC (34-Bit Write)
The target word for the first three ramp types is broken into
three parts. The 34-bit command is written with six leading 0s
to extend the data write to five bytes. The parts of the target
RAM write are
•
Ramp type (2 bits).
•
Time constant (4 bits).
0000 = fastest
1111 = slowest
•
Data (28 bits): 5.23 format.
Ramp Type 4—Constant Time (34-Bit Write)
The target word for the constant time ramp type is written in
five parts, with the 34-bit command written with six leading 0s
to extend the data write to five bytes. The parts of the constant
time target RAM write are
•
Ramp type (2 bits).
•
Update step (1 bit). Set to 1 when a new target is loaded to
trigger a step value update. The value is automatically reset
after the step value is updated.
•
Number of steps (3 bits). The number of steps needed to
slew to the target value is set by these three bits, with the
number of steps equal to 23-bit setting + 6.
000 = 64
001 = 128
010 = 256
011 = 512
100 = 1024
101 = 2048
110 = 4096
111 = 8196
•
Data (16 bits): 2.14 format.
•
Reserved (12 bits). When writing to the RAM, set all of
these bits to 0.
Target/Slew RAM Initialization
On reset, the target/slew RAM initializes to preset values. The
target RAM initializes to a linear ramp type with a time constant
of 5 and the data set to 1.0. The slew RAM initializes to a value
of 1.0. These defaults result in a full-scale (1.0 to 0.0) ramp time
of 21.3 ms.
Linear Update
A linear update is the addition or subtraction of a constant value,
referred to as a step. The equation to describe this step size is
()
20
10
13
5
2
2
−
×
=
CONST
t
Step
The result of the equation is normalized to a 5.23 data format.
This produces a time constant range from 6.75 ms to 213.4 ms.
(–60 dB relative to 0 dB full scale). An example of this kind of
update is shown in Figure 23 and Figure 24. All slew RAM figure
examples, except the half-scale constant time ramp plot (Figure
29), show an increasing or decreasing ramp between –80 dB and
0 dB (full scale). All figures except the constant time plots
(Figure 28 and Figure 29) use a time constant of 0x7 (0x0 being
the fastest and 0xF being the slowest).
TIME (ms)
1.0
0.4
0.6
0.8
0.2
0
–0.4
–0.2
–1.0
–0.8
–0.6
35
25
15
5
20
10
030
Figure 23. Slew RAM—Linear Update Increasing Ramp
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
35
25
15
5
TIME (ms)
20
10
030
Figure 24. Slew RAM—Linear Update Decreasing Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com