Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 30 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 26Page - Analog Devices ADAV400 Datasheet HTML 27Page - Analog Devices ADAV400 Datasheet HTML 28Page - Analog Devices ADAV400 Datasheet HTML 29Page - Analog Devices ADAV400 Datasheet HTML 30Page - Analog Devices ADAV400 Datasheet HTML 31Page - Analog Devices ADAV400 Datasheet HTML 32Page - Analog Devices ADAV400 Datasheet HTML 33Page - Analog Devices ADAV400 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
ADAV400
Rev. 0 | Page 30 of 36
Table 34. ADC Input Mux Control Register
Register Address 0x1057
Default = 0x0001
Register Bits
Function
15:4
Reserved (set to 0)
3
AIN4 to ADC
2
AIN3 to ADC
1
AIN2 to ADC
0
AIN1 to ADC
Table 35. Power Control Register
Register Address 0x1058
Default = 0x0000
Register Bits
Function1
15
PLL
14
Reference buffer
13
ADC
12
VOUT4 DAC
11
VOUT3 DAC
10
VOUT2 DAC
9
VOUT1 DAC
8
AUX2 right DAC
7
AUX2 left DAC
6
AUX1/HP right DAC
5
AUX1/HP left DAC
4
Headphone amplifier right
3
Headphone amplifier left
2
SRC
1
Digital ADC and DAC engine
0
Audio processor
1 0 = powered down, 1 = powered up.
Table 36. User Control Register 2
Register Address 0x105A
Default = 0x0000
Register Bits
Function
15:8
Reserved (set to 0)
7
Headphone amplifier mute
0 = normal operation
1 = mute
6:5
Reserved (set to 0)
4:0
Headphone amplifier attenuation
00000 = 0 dB
00001 = −1.5 dB
00010 = −3.0 dB
….
…..
11110 = −45.0 dB
11111 = −46.5 dB
Table 37. User Control Register 1
Register Address 0x1059
Default Readback = 0x1E00
Register Bits
Function
15:13
Reserved (set to 0)
12:9
Reserved (set to 0)
These bits read back as 0b1111
8
SRC mux enable
0 = disabled
1 = enabled
7
SRC lock indicator (read only)
0 = SRC not locked
1 = SRC locked
6
MCLKO pin Enable
0 = MCLKO pin disabled
1 = MCLKO pin enabled
5:3
MCLKO select
000 = reserved
001 = 1024 × fS (49.152 MHz)
010 = reserved
011 = reserved
1xx = 128 × fS (6.144 MHz)
2:1
PLL Clock Select
00 = 64 × fS (3.072 MHz)
01 = 128 × fS (6.144 MHz)
10 = 256 × fS (12.288 MHz)
11 = 512 × fS (24.576 MHz)
0
PLL Enable
0 = PLL bypassed
1 = PLL in use
Table 38. DAC Amplifier Register
Register Address 0x110D
Default = 0x0000
Register Bits
Function
15:5
Reserved (set to 0)
4
DAC amplifier chopping1
0 = enabled
1 = disabled
3:0
Reserved (set to 0)
1 Set this bit to 1 to obtain maximum performance from the DAC amplifier.
Table 39. Headphone Amplifier Register
Register Address 0x1113
Default = 0x0000
Register Bits
Function
15:1
Reserved (set to 0)
0
Headphone amplifier chopping1
0 = enabled
1 = disabled
1 Set this bit to 1 to obtain maximum performance from the DAC amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com