Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 32 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 28Page - Analog Devices ADAV400 Datasheet HTML 29Page - Analog Devices ADAV400 Datasheet HTML 30Page - Analog Devices ADAV400 Datasheet HTML 31Page - Analog Devices ADAV400 Datasheet HTML 32Page - Analog Devices ADAV400 Datasheet HTML 33Page - Analog Devices ADAV400 Datasheet HTML 34Page - Analog Devices ADAV400 Datasheet HTML 35Page - Analog Devices ADAV400 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADAV400
Rev. 0 | Page 32 of 36
RAM MODULO CONTROL REGISTER
The ADAV400 uses a modulo RAM addressing scheme that
allows very efficient coding of filters and other blocks by
automatically incrementing the data RAM pointer at the end of
each sample period. This works well for most audio applications
that involve filtering. However, in some cases auto-incrementing
the data RAM pointer is undesirable—for example, when it is
required to store a word in data RAM and then access it in a
subsequent audio sample period.
For this reason, the data RAM in the ADAV400 can be partitioned
into modulo and nonmodulo blocks by programming the RAM
modulo control register (see Table 30). This register is
programmed with the size of the modulo block required in blocks
of 512 words, up to the maximum data RAM size of 20,480
words, which is the default setting of the register. For example,
if the register is programmed with the value 0x2, the modulo
RAM is 1024 (2 × 512) words starting from Address 0 to
Address 1023, and the nonmodulo RAM is 19,456 words starting
from Address 1024.
This is not currently used in any of the library blocks within the
development tool; however, it is included for maximum flexibility
for custom software development.
SERIAL OUTPUT CONTROL REGISTERS
Dither Enable (Bit 15)
Setting this bit to 1 enables dither on the appropriate channels.
TDM Output Mode (Bit 14)
This bits selects either 8-channel or 16-channel TDM mode.
LRCLK Polarity (Bit 13)
When this bit is set to 0, the left channel data is clocked when
LRCLK is low, and the right channel data is clocked when LRCLK
is high. When this bit is set to 1, this sequence is reversed.
BCLK Polarity (Bit 12)
This bit controls on which edge of the bit clock the output data
is clocked. Data changes on the falling edge of BCLK1 when
this bit is set to 0, and on the rising edge when this bit is set to 1.
Master/Slave (Bit 11)
This bit determines whether the output port is a clock master or
slave. The default setting is slave; on power-up, Pin BCLK1 and
Pin LRCLK1 are set as inputs until this bit is set to 1, at which
time they become clock outputs.
BCLK Frequency (Bits [10:9])
When the serial output port is a master, these bits set the
frequency of the output bit clock, BCLK1.
Frame Sync Frequency (Bits [8:7])
When the output port is a master, these bits set the frequency of
the output word clock on the LRCLK1
Frame Sync Type (Bit 6)
This bit sets the type of signal on the LRCLK1 pin. When this
bit is set to 0, the signal is a word clock with a 50% duty cycle;
when this bit is set to 1, the signal is a pulse with a duration of
one BCLK at the beginning of the data frame.
TDM Enable (Bit 5)
Setting this bit to 1 changes the output port from multiple serial
outputs to a single TDM output stream available on SDO0. This
bit must be set in both serial output control registers to enable
16-channel TDM on SDO0.
MSB Position (Bits [4:2])
These three bits set the position of the MSB of the data with
respect to the LRCLK edge. The data outputs of the ADAV400
are always MSB-first.
Output Word Length (Bits [1:0])
These bits set the word length of the output data-word. All bits
following the LSB are set to 0.
SERIAL INPUT CONTROL REGISTER
TDM Input Mode(Bit 5)
This bits selects either 8-channel or 16-channel TDM mode.
LRCLK Polarity (Bit 4)
When this bit is set to 0, the left channel data on SDINx is
clocked in when LRCLK1 is low, and the right channel input
data is clocked in when LRCLK1 is high. When this bit is set to
1, this sequence is reversed.
In TDM mode, when this bit is set to 0, data is clocked on the
next valid BCLK edge (polarity of BCLK is set in Bit 3 of this
register) following a falling edge on LRCLK1. When this bit is
set to 1 and running in TDM mode, the input data is valid on the
BCLK edge following a rising edge on LRCLK1.
The serial input port can also operate with LRCLK1 as a pulse,
rather than a clock. In this case, the first edge of the pulse is used
by the ADAV400 to start the data frame. When the polarity bit
is set to 0, data is clocked in on the falling edge of LRCLK1; when
this bit is set to 1, data is clocked in on the rising edge.
BCLK Polarity (Bit 3)
This bit controls on which edge of the bit clock the input data
changes, and on which edge it is clocked. Data changes on the
falling edge of BCLK1 when this bit is set to 0, and on the rising
edge when this bit is set at 1.
Serial Input Mode (Bits [2:0])
These two bits control the data format that the input port expects
to receive. It should be noted that Bit 3 and Bit 4 of the serial
input control register will override these settings, so Bits 4 to Bit
0 must be set for correct operation. Refer to Figure 31, Figure 32,
Figure 33, and Figure 34 for details on the different modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com