Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 23 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 19Page - Analog Devices ADAV400 Datasheet HTML 20Page - Analog Devices ADAV400 Datasheet HTML 21Page - Analog Devices ADAV400 Datasheet HTML 22Page - Analog Devices ADAV400 Datasheet HTML 23Page - Analog Devices ADAV400 Datasheet HTML 24Page - Analog Devices ADAV400 Datasheet HTML 25Page - Analog Devices ADAV400 Datasheet HTML 26Page - Analog Devices ADAV400 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADAV400
Rev. 0 | Page 23 of 36
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
TIME (ms)
35
25
15
5
20
10
0
30
Figure 30. Slew RAM—Constant Time Update Decreasing Ramp, Full Scale
SAFELOAD REGISTERS
Many applications require real-time control of signal processing
parameters, such as filter coefficients, mixer gains, multichannel
virtualizing parameters, or dynamics processing curves.
For example, if we consider a biquad to prevent instability from
occurring, all five parameters of a biquad filter must be updated
at the same time. Otherwise, the filter may execute with a mix
of old and new coefficients for one or two audio frames. To
eliminate this problem, the ADAV400 uses the safeload registers;
there are five registers for the 28-bit parameter data and five for
the parameter addresses. These addresses will indirectly address
either the parameter RAM or the target/slew RAM.
Once these registers are loaded, the appropriate initiate safe
transfer bit (there are separate bits for parameter and target/slew
loads) in the audio core control register should be set.
The last five instructions of the program RAM are used for the
safeload process, so the program length should be limited to
2555 cycles (2560 − 5). It is guaranteed that the safeload occurs
within one LRCLK period (21 μs at fS = 48 kHz) of the initiate
safe transfer bit being set. Safeload only updates those safeload
registers that have been loaded with new data since the last
safeload operation. For example, if only two parameters or
target RAM locations are to be updated, it is only necessary to
load two of the safeload registers; the other safeload registers are
ignored because they contain old data.
DATA CAPTURE REGISTERS
Data capture registers are used for debugging user-programmed
blocks and are not required when using pre-existing library blocks.
The ADAV400 data capture feature allows the data at any node
in the signal processing flow to be sent to one of six control-
port-readable registers or to a serial output pin. Use this feature
to monitor and display information about internal signal levels
or compressor/limiter activity.
The ADAV400 contains six independent data capture registers
that can be read via the I2C control port and can be used for
monitoring static signals. In addition, two I2S digital output
capture registers are available for monitoring dynamic signals.
For each of the data capture registers, a capture count and a
register select must be set. The capture count is a number
between 0 and 2559 that corresponds to the program step
number where the capture will occur (see Table 15).
Table 15. Data Capture Control Registers
Register Bits
Function
13:2
12-bit program counter address
1:0
Register select
00 = Mult_X_input
01 = Mult_Y_input
10 = MAC_output
11 = Accum_fback
The register select field selects which one of four registers
within the DSP core will be transferred to the data capture
register when the program counter equals the capture count.
The capture count and register select bits are set by writing to
one of the eight data capture registers at the following register
addresses:
4170: Control Port Data Capture Setup Register 0
4171: Control Port Data Capture Setup Register 1
4172: Control Port Data Capture Setup Register 2
4173: Control Port Data Capture Setup Register 3
4174: Control Port Data Capture Setup Register 4
4175: Control Port Data Capture Setup Register 5
4176: Digital Out Data Capture Setup Register 0
4177: Digital Out Data Capture Setup Register 1
The captured data is in 5.19 twos complement data format for
all eight register select fields. The four LSBs are truncated from
the internal 5.23 data-word.
The formats for writing and reading to the data capture
registers are listed in Table 22 and Table 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com