Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 24 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 20Page - Analog Devices ADAV400 Datasheet HTML 21Page - Analog Devices ADAV400 Datasheet HTML 22Page - Analog Devices ADAV400 Datasheet HTML 23Page - Analog Devices ADAV400 Datasheet HTML 24Page - Analog Devices ADAV400 Datasheet HTML 25Page - Analog Devices ADAV400 Datasheet HTML 26Page - Analog Devices ADAV400 Datasheet HTML 27Page - Analog Devices ADAV400 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADAV400
Rev. 0 | Page 24 of 36
CONTROL PORT READ/WRITE DATA FORMATS
The read/write formats of the control port are designed to be
byte-oriented. To conform to this byte-oriented format, 0s are
appended to the data fields before the MSB to extend the data-
word to the next multiple of eight bits. For example, for
parameter RAM a 28-bit word is appended with four leading 0s,
making the transfer 4 bytes; for program RAM a 42-bit word is
appended with six leading 0s, making the transfer 6 bytes. The
data fields are appended to a 3-byte field consisting of a 7-bit
chip address, a read/write bit, and an 11-bit RAM/register
address for full I2C transfer.
Burst mode is used to fill contiguous register or RAM locations.
A burst mode write is done by writing the address and data of
the first RAM/register location to be written followed by the
next data-word, and so on. The ADAV400 control port auto-
increments the internal address counter depending on the
location being written to or read from, even across the
boundaries of the different RAMs and registers locations.
Table 16. Parameter RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes 4 to 6
chip_adr [6:0], R/W
000, param_adr [12:8]
param_adr [7:0]
0000, param [27:24]
param [23:0]
Table 17. Parameter RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Byte 3
Bytes 4 to 6
Bytes 7 to 10
Bytes 11 to 14
chip_adr [6:0], R/W
000, param_adr [12:8]
param_adr [7:0]
0000, param [27:24]
param [23:0]
0000 param [27:0]
0000 param [27:0]
First parameter (param_adr)
Second parameter
(param_adr + 1)
Third parameter
(param_adr + 2)
Table 18. Program RAM Read/Write Format (Single Address)
Byte 0
Byte 1
Byte 2
Bytes 3 to 8
chip_adr [6:0], R/W
000, prog_adr [12:8]
prog_adr [7:0]
prog [42:0]
Table 19. Program RAM Block Read/Write Format (Burst Mode)
Byte 0
Byte 1
Byte 2
Bytes 3 to 8
Bytes 9 to 14
Bytes 15 to 20
chip_adr [6:0], R/W
000, prog_adr [12:8]
prog_adr [7:0]
prog [39:0]
First program word (prog_adr)
Second program word
(prog_adr + 1)
Third program word
(prog_adr + 2)
Table 20. Control Register Read/Write Format (16-bit register)
Byte 0
Byte1
Byte 2
Byte 3
Byte 4
chip_adr [6:0], R/W
000, reg_adr [12:8]
reg_adr [7:0]
data [15:8]
data [7:0]
Table 21. Control Register Read/Write Format (8-bit register)
Byte 0
Byte1
Byte 2
Byte 3
chip_adr [6:0], R/W
000, reg_adr [12:8]
reg_adr [7:0]
data [7:0]
Table 22. Data Capture Register Write Format
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
chip_adr [6:0], R/W
000, data_capture_adr [12:8]
data_capture_adr [7:0]
000, progCount [10:6]
progCount [5:0], regSel [1:0]
Table 23. Data Capture (Control Port Readback) Register Read Format
Byte 0
Byte 1
Byte 2
Bytes 3 to 5
chip_adr [6:0], R/W
000, data_capture_adr [12:8]
data_capture_adr [7:0]
data [23:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com