Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 5Page - Analog Devices ADAV400 Datasheet HTML 6Page - Analog Devices ADAV400 Datasheet HTML 7Page - Analog Devices ADAV400 Datasheet HTML 8Page - Analog Devices ADAV400 Datasheet HTML 9Page - Analog Devices ADAV400 Datasheet HTML 10Page - Analog Devices ADAV400 Datasheet HTML 11Page - Analog Devices ADAV400 Datasheet HTML 12Page - Analog Devices ADAV400 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADAV400
Rev. 0 | Page 9 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
VREF
3
AGND
4
AVDD1
7
NC
6
NC
5
NC
1
FILTA
8
NC
9
NC
10
NC
12
NC
13
DGND
14
DVDD
15
AD0
16
SDA
17
SCL
18
TEST0
19
TEST1
20
DGND
11
NC
59
58
57
54
55
56
60
53
52
VOUT2
VOUT1
AUXR1
HPOUTR
AVDD3
AUXL1
VOUT3
HPOUTL
AGND
51
AGND
49
AVDD2
48
DGND
47
DVDD
46
RESET
45
NC
44
NC
43
SDO3
42
SDO2
41
DGND
50
PLL_LF
NC = NO CONNECT
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
PIN 1
ADAV400
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
FILTA
O
ADC Filter Decoupling Node for the ADC. Decouple this pin to AGND (Pin 3).
2
VREF
Voltage Reference. This pin is driven by an internal 1.5 V reference voltage. Decouple this pin to AGND
(Pin 3)
3
AGND
ADC Ground. Connect this pin to the analog ground plane.
4
AVDD1
Analog Power Supply Pin for the ADC. Connect this pin to 3.3 V and decouple to AGND (Pin 3)
5 to 12,
65, 66
NC
Not Connected Internally.
13, 20,
28, 32,
41, 48
DGND
Digital Ground. Connect this pin to the digital ground plane.
14, 21,
31, 40,
47
DVDD
Digital Power Supply Pins. Connect these pins to 1.8 V, either directly or by using the on-chip regulator.
Decouple to DGND
15
AD0
I
I2C Address Select. Tie to ODVDD for address 0x28 (write) and 0x29 (read) or DGND for address 0x2A (write)
and 0x2B (read)
16
SDA
I/O
Serial Data Input/Output for the I2C Control Port.
17
SCL
I
Serial Clock for the I2C Control Port.
18
TEST0
Test Pin. Connect to ODVDD.
19
TEST1
Test Pin. Connect to ODVDD.
22 to 25
SDIN [0:3]
I
Serial Data Inputs. BCLK1 and LRCLK1 are used as the timing signals for SDIN0 to SDIN3.
26
LRCLK0
I
Left/Right Clock for Sample Rate Converter (SRC). This input frame synchronization signal is associated
with SDIN0 to SDIN3 when one of these input channels is redirected to the SRC.
27
BCLK0
I
Bit Clock for Sample Rate Converter (SRC). This input clock is associated with SDIN0 to SDIN3 when one of
these input channels is redirected to the SRC.
29
ODVDD
Digital Interface Supply (3.3 V) Pin. Connect this pin to a 3.3 V digital supply. Decouple to DGND.
30
VDRIVE
Drive for External PNP Transistor. This is used with the on-chip 1.8 V regulator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com