Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV400 Datasheet(PDF) 29 Page - Analog Devices

Part # ADAV400
Description  Audio Codec with Embedded SigmaDSP Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV400 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADAV400 Datasheet HTML 25Page - Analog Devices ADAV400 Datasheet HTML 26Page - Analog Devices ADAV400 Datasheet HTML 27Page - Analog Devices ADAV400 Datasheet HTML 28Page - Analog Devices ADAV400 Datasheet HTML 29Page - Analog Devices ADAV400 Datasheet HTML 30Page - Analog Devices ADAV400 Datasheet HTML 31Page - Analog Devices ADAV400 Datasheet HTML 32Page - Analog Devices ADAV400 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ADAV400
Rev. 0 | Page 29 of 36
Table 30. RAM Modulo Control Register (8 Bits)
Register Address 0x1053
Default = 0x28
Register Bits
Function
7:6
Reserved (set to 0)
5:0
RAM modulo size (1 LSB = 512 locations)
Table 31. Serial Output Control Register
Register Address 0x1054
Default = 0x0000
Register Bits
Function
15
Dither enable
0 = disabled
1 = enabled
14
TDM output mode
0 = 8-channel TDM
1 = 16-channel TDM
13
LRCLK polarity
0 = left low, right high
1 = left high, right low
12
BCLK polarity
0 = data changes on falling edge
1 = data changes on rising edge
11
Master/slave mode select
0 = slave
1 = master
10:9
BCLK frequency (master mode)
00 = 3.072 MHz (48 kHz)
01 = 6.144 MHz (96 kHz digital IO only)
10 = 12.288 MHz (192 kHz digital IO only)
11 = reserved
8:7
LRCLK frame sync frequency (master mode)
00 = 48 kHz
01 = 96 kHz
10 = 192 kHz
11 = reserved
6
Frame sync type
0 = LRCLK
1 = pulse
5
TDM enable
0 = serial data out
1 = TDM out
4:2
MSB position
000 = delay by 1
001 = delay by 0
010 = delay by 8
011 = delay by 12
100 = delay by 16
All others are reserved
1:0
Output Word length
00 = 24 bits
01 = 20 bits
10 = 16 bits
11 = 16 bits
Table 32. Serial Input Control Register (8 Bits)
Register Address 0x1055
Default = 0x00
Register Bits
Function
7:6
Reserved (set to 0)
5
TDM input mode
0 = 8-channel TDM
1 = 16-channel TDM
4
LRCLK polarity
0 = left low, right high
1 = left high, right low
3
BCLK polarity
0 = data changes on falling edge
1 = data changes on rising edge
2:0
Serial input mode
000 = I2S
001 = left-justified
010 = 8-channel TDM
011 = right-justified, 24 bits
100 = right-justified, 20 bits
101 = right-justified, 18 bits
110 = right-justified, 16 bits
All others are reserved
Table 33. SRC Serial Port Control Register (8 Bits)
Register Address 0x1056
Default = 0x00
Register Bits
Function
7
Reserved (set to 0)
6:5
SRC serial input port select
00 = SDIN3
01 = SDIN2
10 = SDIN1
11 = SDIN0
4
LRCLK polarity
0 = left low, right high
1 = left high, right low
3
BCLK polarity
0 = data changes on falling edge
1 = data changes on rising edge
2:0
Serial input mode
000 = I2S
001 = left-justified
010 = reserved
011 = right-justified, 24 bits
100 = right-justified, 20 bits
101 = right-justified, 18 bits
110 = right-justified, 16 bits
All others are reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com