Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 2Page - STMicroelectronics L6382D Datasheet HTML 3Page - STMicroelectronics L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics L6382D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
L6382D
6/14
Symbol
Pin
Parameter
Test condition
min.
typ
max
UNIT
Source Current
Capability
LSG
120
mA
HEG
70
PFG
250
TRISE
5, 9, 17
Rise time
Cload = 1nF
TBD
ns
TFALL
5, 9, 17
Fall time
Cload = 1nF
TBD
ns
TDELAY
Propagation delay (input
to output)
LSG; high to low and low to
high
300
ns
HEG; high to low and low to
high
200
ns
PFG; high to low
250
ns
PFG; low to high
200
ns
RB
Pull down Resistor
LSG
20
K
Ω
HEG
50
K
Ω
PFG
10
K
Ω
HSG DRIVER (VOLTAGES REFERRED TO OUT)
VOH(HS)
12
HIGH Output Voltage
IHSG = 10 mA
VOUT -
0.5
V
VOL(HS)
12
LOW Output Voltage
IHSG = 10 mA
0.5
V
12
Sink Current Capability
120
mA
12
Source Current
Capability
120
mA
TRISE
12
Rise time
Cload = 1nF
TBD
ns
TFALL
12
Fall time
Cload = 1nF
TBD
ns
TDELAY
12
Propagation delay (LGI to
LSG)
high to low and low to high
300
ns
RB
12
Pull down Resistor
to OUT
20
K
Ω
HIGH-SIDE FLOATING GATE-DRIVER SUPPLY
ILKBOOT
11
VBOOT
pin
leakage
current
VBOOT = 580V
5
µA
ILKOUT
13
OUT pin leakage current
VOUT = 562V
5
µA
RDS(on)
Synchronous bootstrap
diode on-resistance
VLVG = HIGH
100
Ω
Forward Voltage Drop
at 10 mA forward current
1.9
2.4
V
Forward Current
at 5V forward voltage drop
25
mA
Table 5. Electrical Characteristcs (continued)
Table 5. Electrical Characteristcs (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com