Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics L6382D Datasheet HTML 10Page - STMicroelectronics L6382D Datasheet HTML 11Page - STMicroelectronics L6382D Datasheet HTML 12Page - STMicroelectronics L6382D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
L6382D
Summarizing:
■
the high-voltage start-up generator is cycling;
■
VREF is enabled in low source current capability (IREF
≤ 10mA);
■
TPR circuit is disabled;
■
OCP is disabled;
■
the drivers are disabled.
If the Vcc voltage falls below the VREF(OFF) threshold, the device enters the start-up mode.
4.1.3 OPERATING Mode
After 10
µs in save mode and only if the voltage at VREF is higher than 3.0V, on the falling edge on the
HGI input, the drivers are enabled as well as all the IC's functions; this is the mode correspondent to the
proper lamp behavior.
Summarizing:
■
HVSU is OFF
■
VREF is enabled in high source current mode (IREF < 30mA)
■
TPR circuit is enabled
■
OCP is enabled
■
the drivers are enabled
If there is no switching activity on LGI for more than 100
µs, the IC returns in save mode.
4.1.4 Shut Down
This state permits to manage the fault conditions in
operating mode and it is entered by the occurrence
on one of the following conditions:
– 1. Vcc<VccOff (Under Voltage fault on Supply),
–2. VREF<2.0V (Under Voltage fault on VREF)
In this state the functions are:
■
The HVSU generator is ON
■
VREF is enabled in low source current mode (IREF < 10mA)
■
TPR is disabled
■
OCP is disabled
■
the drivers are disabled
In this state if Vcc reaches VccOn, the device enters the
save mode otherwise, if Vcc<VREF(OFF), also the
µC is turned off and the device will be ready to execute the Start-up sequence.
Figure 6. Timing Sequences: TPR behavior (left) Start-up, save mode and operating mode (right).
TPR(ON)
TPR(OFF)
VREF
LGI
PSW
Vcc
VCCon
VccSM
VREF
LGI
HVSU
Vcc
VCCon
HGI
10
µs
TPR Switching
VccOFF
LGI
OPERATING MODE
TPR(ON)
TPR(OFF)
VREF
LGI
PSW
Vcc
VCCon
VccSM
VREF
LGI
HVSU
Vcc
VCCon
HGI
10
µs
TPR Switching
VccOFF
LGI
OPERATING MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com