Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 1 Page - STMicroelectronics

  L6382D Datasheet HTML 1Page - STMicroelectronics L6382D Datasheet HTML 2Page - STMicroelectronics L6382D Datasheet HTML 3Page - STMicroelectronics L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
L6382D
January 2005
1
FEATURES
■ INTEGRATED HIGH-VOLTAGE START-UP
■ 4 DRIVERS FOR PFC, HALF-BRIDGE & PRE-
HEATING MOSFETS
■ 3.3V MICROCONTROLLER COMPATIBLE
■ FULLY INTEGRATE POWER MANAGEMENT
FOR ALL OPERATING MODES
■ INTERNAL TWO POINT Vcc REGULATOR
■ OVER-CURRENT PROTECTION WITH
DIGITAL OUTPUT SIGNAL
■ CROSS-CONDUCTION PROTECTION
(INTERLOCKING)
■ UNDER VOLTAGE LOCK OUT
■ INTEGRATED BOOTSTRAP DIODE
2
APPLICATIONS
■ DIMMABLE/NON-DIMMABLE BALLST
3
DESCRIPTION
Designed in High-voltage BCD Off-line technolo-
gy, the L6382D is provided with 4 input pins and a
high voltage start-up generator conceived for ap-
plications managed by a microcontroller.
It allows the designer to use the same ballast cir-
cuit for different lamp wattage/type by simply
changing the
µC software.
The digital input pins - able to receive signals up to
400KHz - are connected to level shifters that pro-
vide the control signals to their relevant drivers;
POWER MANAGEMENT UNIT FOR MICROCONTROLLED
BALLAST
Figure 2. Block Diagram
S
RQ
SHIFT
600V
LEVEL
3.3V
HSD
LSD
OCP
PFD
HED
BOOTSTRAP
S
R
Q
Q
Q
mP UVLO
ON
L
O
G
I
C
3.3V
SUPPLY
>600V
“ON”
“OFF”
IC BIAS
TPR
PSW
HVSU
TPR
BOOT
HSG
OUT
LSG
CSO
CSI
HEG
PFG
PFI
HEI
LSI
HSI
Vcc
GND
REF
DIM
HIGH
VOLTAGE
START-UP
GENERATOR
S
RQ
SHIFT
600V
LEVEL
3.3V
HSD
LSD
OCP
PFD
HED
BOOTSTRAP
S
R
Q
Q
Q
Q
Q
mP UVLO
ON
L
O
G
I
C
3.3V
SUPPLY
>600V
“ON”
“OFF”
IC BIAS
TPR
PSW
HVSU
TPR
BOOT
HSG
OUT
LSG
CSO
CSI
HEG
PFG
PFI
HEI
LSI
HSI
Vcc
GND
REF
DIM
HIGH
VOLTAGE
START-UP
GENERATOR
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6382D
SO20 tube
L6382DTR
SO20 in Tape & Reel
SO20


Similar Part No. - L6382D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D Datasheet
297Kb / 22P
Power management unit for microcontrolled ballast
21-Mar-2007
L6382D5 STMICROELECTRONICS-L6382D5 Datasheet
263Kb / 21P
Power management unit for microcontrolled ballast
22-Mar-2007
L6382D5TR STMICROELECTRONICS-L6382D5TR Datasheet
263Kb / 21P
Power management unit for microcontrolled ballast
22-Mar-2007
L6382DTR STMICROELECTRONICS-L6382DTR Datasheet
297Kb / 22P
Power management unit for microcontrolled ballast
21-Mar-2007
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
Power management unit for microcontrolled ballast
21-Mar-2007
More results

Similar Description - L6382D

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3653 AMSCO-AS3653 Datasheet
140Kb / 2P
Power Management Unit for Mobile Phones
logo
STMicroelectronics
L6382D STMICROELECTRONICS-L6382D_07 Datasheet
297Kb / 22P
Power management unit for microcontrolled ballast
21-Mar-2007
L6382D5 STMICROELECTRONICS-L6382D5 Datasheet
263Kb / 21P
Power management unit for microcontrolled ballast
22-Mar-2007
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
Power Management Unit
logo
STMicroelectronics
AN1971 STMICROELECTRONICS-AN1971 Datasheet
153Kb / 16P
ST7LITE0xxx MICROCONTROLLED BALLAST
17-Dec-2012
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
Power Management Unit (PMU) for Processor
TPS65917-Q1_017 TI1-TPS65917-Q1_017 Datasheet
2Mb / 89P
Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
Power Management Unit (PMU) for Processor
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
Power Management Unit for Power Banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com