Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 5 Page - STMicroelectronics

  L6382D Datasheet HTML 1Page - STMicroelectronics L6382D Datasheet HTML 2Page - STMicroelectronics L6382D Datasheet HTML 3Page - STMicroelectronics L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
L6382D
Table 5. Electrical Characteristcs (Tj = 25°C, VCC=12V unless otherwise specified)
Symbol
Pin
Parameter
Test condition
min.
typ
max
UNIT
SUPPLY VOLTAGE
VccON
10
Turn-on voltage
13
14
15
V
VccOFF
10
Turn-off voltage
7.5
8.25
9.2
V
VccSM
10
Save mode voltage
12.75
13.8
14.85
V
VSMhys
10
Save mode hysteresys
0.15
0.2
0.25
V
VREF(OFF)
10
Reference turn-off
5.7
6
6.33
V
IvccON
10
Start-up current
150
µA
IvccSM
10
Save
Mode
current
consumption
190
µA
(1)
150
230
µA
Ivcc
10
Quiescent
current
in
operating mode
Vcc=13V;
LGI=HGI=high;
no
load on VREF.
2mA
Vz
10
Internal Zener
TBD
V
HIGH VOLTAGE START-UP
IMSS
15
Maximum current
VHVSU > 50V
20
mA
15
Turn-on Voltage
IHVSU=5mA
TBD
V
ILSS
15
Leakage current off state
VHVSU = 600V
40
µA
TWO POINT REGULATOR (TPR) PROTECTION
TPRst
10
Vcc Protection level
Operating mode
14.0
15.0
V
TPR(ON)
10
Vcc Turn-on level
Operating mode; after the first
falling edge on LSG
12.5
13.5
V
TPR(OFF)
10
Vcc Turn-off level
Operating mode; after the first
falling edge on LSG
12.45
13.48
V
7
Output voltage on state
ITPR = 200mA
2
V
7
Forward
voltage
drop
Diode
@ 600mA forward current.
2
V
7
Leakage current off state
VTPR = 13V
5
µA
LSG, HEG & PFG DRIVERS
VOH(LS)
5, 9, 17
HIGH Output Voltage
ILSG = 10mA
VCC -
0.5
V
VOL(LS)
5, 9, 17
LOW Output Voltage
ILSG = 10mA
0.5
V
Sink Current Capability
LSG and PFG
120
mA
HEG
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com