Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics L6382D Datasheet HTML 10Page - STMicroelectronics L6382D Datasheet HTML 11Page - STMicroelectronics L6382D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
L6382D
8/14
4
APPLICATION INFORMATION
4.1 POWER MANAGEMENT
The L6382D has two stable states (
save mode and operating mode) and two additional states that man-
age the Start-up and fault conditions (fig. 5): the Over Current Protection is a parallel asynchronous pro-
cess enabled when in
operating mode.
Following paragraphs will describe each mode and the condition necessary to shift between them.
Figure 5.
4.1.1 START-UP mode
With reference to the timing diagram of figure 6, when power is first applied to the converter, the voltage
on the bulk capacitor builds up and the HV generator is enabled to operate drawing about 10mA. This cur-
rent, diminished by the IC consumption (less than 150
µA), charges the bypass capacitor connected be-
tween pin Vcc and ground and makes its voltage rise almost linear.
During this phase, all IC's functions are disabled except for:
■ the current sinking circuit on VREF pin that maintains low the voltage by keeping disabled the
microcontroller connected to this pin;
■ the High-Voltage Start-Up (HVSU) that is ON (conductive) to charge the external capacitor on pin Vcc.
As the Vcc voltage reaches the start-up threshold (14V typ.) the chip starts operating and the HV generator
is switched off.
Summarizing:
■
the high-voltage start-up generator is active;
■
VREF is disabled with additional sinking circuit on pin VREF is enabled;
■
TPR is disabled;
■
OCP is disabled;
■
the drivers are disabled.
4.1.2 SAVE Mode
This mode is entered after the Vcc voltage reaches the turn-on threshold; the VREF is enabled in low cur-
rent source mode to supply the
µC connected to it, whose wake-up required current must be less than
10mA: if no switching activity is detected at LGI input, the high voltage start-up generator cycles ON-OFF
keeping the Vcc voltage between VccON and VccSM.
SAVE MODE
OPERATING
MODE
SHUT DOWN
V
CC>VCC(ON)
V
CC<VREF(OFF)
V
REF>3V
&
T
DE>10ms
LGI low
for more
than 100ms
START-UP
V
CC < VCC(OFF)
or
V
REF<2V
V
CC<VCC(ON)
V
CC<VREF(OFF)
SAVE MODE
OPERATING
MODE
SHUT DOWN
V
CC>VCC(ON)
V
CC<VREF(OFF)
V
REF>3V
&
T
DE>10ms
LGI low
for more
than 100ms
START-UP
V
CC < VCC(OFF)
or
V
REF<2V
V
CC<VCC(ON)
V
CC<VREF(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com