Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 4 Page - STMicroelectronics

  L6382D Datasheet HTML 1Page - STMicroelectronics L6382D Datasheet HTML 2Page - STMicroelectronics L6382D Datasheet HTML 3Page - STMicroelectronics L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
L6382D
4/14
Table 3. Absolute Maximum Ratings
(*) excluding
operating mode
Table 4. Thermal Data
N.
Pin
Function
18
CSO
Output of current sense comparator, compatible with TTL logic signal; during
operating mode,
the pin is forced low whereas whenever the OC comparator is triggered (CSI> 0.55 typ.) the pin
latches high.
19
CSI
Input of current sense comparator, it is enabled only during
operating mode; when the pin
voltage exceeds the internal threshold, the CSO pin is forced high and the half bridge drivers
are disabled. It exits from this condition by either cycling the Vcc below the UVLO or with
LGI=HGI=low simultaneously.
20
VREF
Voltage reference. During
operating mode an internal generator provides an accurate voltage
reference that can be used to supply up to 30mA (during
operating mode) to an external circuit.
A small film capacitor (0.22
µF min.), connected between this pin and GND is recommended to
ensure the stability of the generator and to prevent noise from affecting the reference.
Symbol
Pin
Parameter
Value
Unit
VCC
10
IC supply voltage (ICC = 20mA)
Self-limited
VHVSU
15
High voltage start-up generator voltage range
-0.3 to 600
V
VBOOT
11
Floating supply voltage
-1 to VHVSU+VCC
V
VOUT
13
Floating ground voltage
-1 to 600
V
ITPR(RMS)
6
Maximum TPR RMS current
±200
mA
ITPR(PK)
6
Maximum TPR peak current
±600
mA
VTPR
6
Maximum TPR voltage (*)
14
V
19
CSI input voltage
-0.3 to 7
V
1, 2, 3, 4
Logic input voltage
-0.3 to 7
V
9, 12, 17
Operating frequency
15 to 400
KHz
5
Operating frequency
15 to 600
KHz
Tstg
Storage Temperature
-40 to +150
°C
Tj
Ambient Temperature operating range
-40 to +125
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Max. Thermal Resistance, Junction-to-ambient
120
°C/W
Table 2. Pin Functions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com