Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6382D Datasheet HTML 3Page - STMicroelectronics L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics L6382D Datasheet HTML 10Page - STMicroelectronics L6382D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
L6382D
Notes: 1. Specification over the -40°C to +125°C junction temperature range are ensured by design, characterization and statistical corre-
lation.
Symbol
Pin
Parameter
Test condition
min.
typ
max
UNIT
VREF
VREF
20
Reference voltage
15mA load.
3.267
3.3
3.333
V
15mA load, (1)
3.234
3.3
3.366
V
20
Load regulation
IRef = -3 to +30 mA
-20
2
mV
20
Voltage change
15mA load; Vcc = 9V to 15V
15
mV
20
VREF latched protection
2
V
20
VREF Clamp @3mA
VCC from 0 to VCCON during
start-up; Vcc from VREF(OFF) to
0 during shut-down.
1.2
V
IREF
20
Current Drive Capability
-3
+30
mA
Save mode
-3
+10
mA
OVERCURRENT BUFFER STAGE
VCSI
19
Comparator Level
Bandgap
0.49
0.5
5.01
V
ICSI
19
Input Bias Current
500
nA
Propagation delay
CSO turn off to LSG low
200
ns
18
High output voltage
I CSO= 200
µAVREF-
0.5V
18
Low output voltage
I CSO = -150
µA0.5
V
DIM
Normal Mode Time Out
65
100
135
µs
Vref enabling drivers
3.0
V
TED
Time enabling drivers
10
µs
LOGIC INPUT
1 to 4
Low Level Logic Input
Voltage
0.8
V
1 to 4
High Level Logic Input
Voltage
2.2
V
LGI
Pull down resistor
100
K
Ω
Table 5. Electrical Characteristcs (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com