Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6382D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6382D
Description  Power management unit for microcontrolled ballast
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D Datasheet(HTML) 2 Page - STMicroelectronics

  L6382D Datasheet HTML 1Page - STMicroelectronics L6382D Datasheet HTML 2Page - STMicroelectronics L6382D Datasheet HTML 3Page - STMicroelectronics L6382D Datasheet HTML 4Page - STMicroelectronics L6382D Datasheet HTML 5Page - STMicroelectronics L6382D Datasheet HTML 6Page - STMicroelectronics L6382D Datasheet HTML 7Page - STMicroelectronics L6382D Datasheet HTML 8Page - STMicroelectronics L6382D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
L6382D
2/14
in particular the L6382D embeds one driver for the PFC pre-regulator stage, two drivers for the ballast half-
bridge stage (High Voltage, including also the bootstrap function) and the last one to provide supplemen-
tary features like preheating of filaments supplied through isolated filaments in dimmable applications.
A precise reference voltage (+3.3V ±1%) able to provide up to 30mA is available to supply the
µC in op-
erating mode. Instead, during start-up and save mode the current available at VREF is up to 10mA and it
is provided by the internal high voltage start-up generator.
The chip has been conceived with advanced power management logic to minimize power losses and in-
crease the application reliability.
In the half-bridge section, a patented integrated bootstrap section replaces the external bootstrap diode.
The L6382D integrates also a function that regulates the IC supply voltage (without the need of any exter-
nal charge pump) and optimizes the current consumption.
Figure 3. Pin Connection (Top View)
Figure 4. Typical System Block Diagram
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PFI
LSI
HSI
HEI
PFG
N.C.
TPR
GND
LSG
VCC
VREF
CSI
CSO
HEG
N.C.
HVSU
N.C.
OUT
HSG
BOOT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PFI
LSI
HSI
HEI
PFG
N.C.
TPR
GND
LSG
VCC
VREF
CSI
CSO
HEG
N.C.
HVSU
N.C.
OUT
HSG
BOOT
HV
START-UP
CHARGE
PUMP
REGULATOR
BOOTSTRAP
HB
DRIVER
PROTECTION
3.3V
SUPPLY
PFC
DRIVER
PFC
CIRCUIT
µ C
AC
MAINS
TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com