Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16080/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADIS16080
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VCC = VDRIVE = 5 V, angular rate = 0°/sec, COUT = 0 μF, ±1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min1
Typ
Max1
Unit
SENSITIVITY
Dynamic Range2
Full-scale range over specifications range
±80
°/sec
Initial
Clockwise rotation is positive output,
TA = −40°C to +85°C
9.21
10.24
11.26
LSB/°/sec
Change over Temperature3
VCC = VDRIVE = 4.75 V to 5.25 V
±5
%
Nonlinearity
Best fit straight line
0.15
% of FS
Voltage Sensitivity
VCC = VDRIVE = 4.75 V to 5.25 V
0.7
% of FS
NULL
Initial
1629
2048
2466
LSB
Change Over Temperature3
VCC = VDRIVE = 4.75 V to 5.25 V
±85
LSB
Turn-On Time
Power on to ±½°/sec of final
35
ms
Linear Acceleration Effect
Any axis
2.05
LSB/g
Voltage Sensitivity
VCC = VDRIVE = 4.75 V to 5.25 V
±10.24
LSB/V
NOISE PERFORMANCE
Total Noise
0.1 Hz to 40 Hz; no averaging
0.42
°/sec rms
43
LSB rms
Rate Noise Density
@ 25°C
0.05
°/sec /√Hz
0.51
LSB rms/√Hz
FREQUENCY RESPONSE
3 dB Bandwidth (User-Selectable)4
COUT = 0 μF
40
Hz
Sensor Resonant Frequency
14
kHz
SELF-TEST INPUTS
ST1 RATEOUT Response5
ST1 pin from Logic 0 to Logic 1
−328
−540
−819
LSB
ST2 RATEOUT Response5
ST2 pin from Logic 0 to Logic 1
+328
+540
+819
LSB
Logic 1 Input Voltage
Standard high logic level definition
3.3
V
Logic 0 Input Voltage
Standard low logic level definition
1.7
V
Input Impedance
To common
50
kΩ
TEMPERATURE SENSOR
Reading at 298 K
2048
LSB
Scale Factor
Proportional to absolute temperature
6.88
LSB/K
2.5 V REFERENCE
Voltage Value
2.45
2.5
2.55
V
Load Drive to Ground
Source
100
μA
Load Regulation
0 μA < IOUT < 100 μA
5.0
mV/mA
Power Supply Rejection
VCC = VDRIVE = 4.75 V to 5.25 V
1.0
mV/V
Temperature Drift
Delta from 25°C
5.0
mV
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDRIVE
V
Input Low Voltage, VINL
0.3 × VDRIVE
V
Input Current, IIN
Typically 10 nA
−1
+1
μA
Input Capacitance, CIN
10
pF
ANALOG INPUTS6
Resolution
12
Bits
Integral Nonlinearity6
−2
+2
LSB
Differential Nonlinearity
−2
+2
LSB
Offset Error
−8
+8
LSB
Gain Error
−2
+2
LSB
Input Voltage Range
0
VREF × 2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com