Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16080/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
±80°/sec Yaw Rate Gyro
with SPI® Interface
ADIS16080
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Complete angular rate gyroscope
Z-axis (yaw rate) response
SPI digital output interface
High vibration rejection over wide frequency
2000 g powered shock survivability
Externally controlled self test
Internal temperature sensor output
Dual auxiliary 12-bit ADC inputs
Absolute rate output for precision applications
5 V single-supply operation
8.2 mm × 8.2 mm × 5.2 mm package
RoHS-compliant
APPLICATIONS
Platform stabilization
Image stabilization
Guidance and control
Inertial measurement units
Robotics
GENERAL DESCRIPTION
The ADIS16080 is a complete angular rate sensor (gyroscope)
that uses the Analog Devices, Inc. surface-micromachining
process to make a functionally complete angular rate sensor
with an integrated serial peripheral interface (SPI).
The digital data available at the SPI port is proportional to the
angular rate about the axis normal to the top surface of the
package (see Figure 19). A single external resistor can be used
to increase the measurement range. An external capacitor can
be used to lower the bandwidth.
Access to an internal temperature sensor measurement is
provided, through the SPI, for compensation techniques.
Two pins are available for the user to input analog signals for
digitization. An additional output pin provides a precision
voltage reference. Two digital self-test inputs electro-
mechanically excite the sensor to test operation of the
sensor and the signal conditioning circuits.
The ADIS16080 is available in an 8.2 mm × 8.2 mm × 5.2 mm
16-terminal, peripheral land grid array (LGA) package.
FUNCTIONAL BLOCK DIAGRAM
4-CHANNEL
SPI
MUX/ADC
±80°/s
GYROSCOPE
TEMPERATURE
SENSOR
SCLK
AIN2
AIN1
DIN
DOUT
CS
ADIS16080
COUT
RATE
FILT
ST1
VREF
ST2
VCC
5V
COM
VDRIVE
3V TO 5V
REFERENCE
Figure 1.


Similar Part No. - ADIS16080/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16080 AD-ADIS16080 Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16080 AD-ADIS16080 Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16080PCBZ AD-ADIS16080PCBZ Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16080PCBZ AD-ADIS16080PCBZ Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
Yaw Rate Gyroscope with SPI
Rev. C
More results

Similar Description - ADIS16080/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
-300째/sec Yaw Rate Gyro with SPI Interface
5/06-Rev. 0 to Rev. A
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
짹250째/sec Yaw Rate Gyro
REV. 0
AD22304 AD-AD22304 Datasheet
530Kb / 12P
짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
짹300째/sec Yaw Rate Gyro
REV. B
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
300/sec Yaw Rate Gyro
REV. A
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
250/sec Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com