Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADIS16080
Rev. 0 | Page 14 of 16
SECOND-LEVEL ASSEMBLY
The ADIS16080 can be attached to the second-level assembly
board using Sn63 (or equivalent) or an RoHS-compliant solder.
Figure 21 and Table 8 provide acceptable solder reflow profiles
for each solder type. Note that these profiles may not be the
optimum profile for the user’s application. In no case shall the
260°C limit be exceeded. It is recommended that the user develop
a reflow profile based upon the specific application. In general,
keep in mind the lowest peak temperature and shortest dwell
time above the melt temperature of the solder results in less
shock and stress to the product. In addition, evaluating the
cooling rate and peak temperature can result in a more reliable
assembly.
6.873
2×
0.5 BSC
16×
0.67 BSC
12×
1 BSC
16×
0.9315
4×
0.9315
4×
Figure 20. Second Level Assembly Pad Layout
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 21. Recommended Solder Reflow Profiles
Table 8.
Condition
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (tS)
60 sec to
120 sec
60 sec to
150 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
3°C/sec
Time Maintained Above
Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to
150 sec
60 sec to
150 sec
Peak Temperature (TP)
240°C +
0°C/–5°C
260°C +
0°C/–5°C
Time Within 5°C of Actual Peak
Temperature (tP)
10 sec to
30 sec
20 sec to
40 sec
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 min max
8 min max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com