Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16080/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADIS16080
Rev. 0 | Page 10 of 16
2.486
2.485
2.484
2.483
2.482
2.481
2.480
2.479
4.7
5.3
5.2
5.1
5.0
4.9
4.8
VCC (V)
30 PART AVERAGE, TA = +25°C
30 PART AVERAGE, TA = +85°C
30 PART AVERAGE, TA = –40°C
Figure 17. VREF vs. Supply Voltage
1825
0
1820
1815
1810
1805
1800
1000
2000
3000
4000
5000
6000
7000
8000
000001110000010X
3
000001110000011X
19
000001110000100X
39
000001110000101X
87
000001110000110X
249
000001110000111X
844
000001110001000X
1136
000001110001001X
1303
000001110001010X
1702
000001110001011X
1229
000001110001100X
924
000001110001101X
447
000001110001110X
150
000001110001111X
43
000001110010000X
13
000001110010010X
4
SAMPLES = 8192, MAX CODE = 1827, MIN CODE = 1796,
SPREAD = 32, STD DEV = 4.057, MEAN = 1811.803
Figure 18. Noise Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com