Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16080/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADIS16080
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min1
Typ
Max1
Unit
Leakage Current
−1
+1
μA
Input Capacitance
20
pF
Full Power Bandwidth
8
MHz
DIGITAL OUTPUTS
Output High Voltage (VOH)
ISOURCE = 200 μA
VDRIVE − 0.2
V
Output Low Voltage (VOL)
ISINK = 200 μA
0.4
V
CONVERSION RATE
Conversion Time
16 SCLK cycles with SCLK at 20 MHz
800
ns
Throughput Rate
1
MSPS
POWER SUPPLY7
VCC
4.75
5
5.25
V
VDRIVE
2.7
5.25
V
VCC Quiescent Supply Current
VCC @ 5 V, fSCLK = 50 kSPS
7.0
9.0
mA
VDRIVE Quiescent Supply Current
VDRIVE @ 5 V, fSCLK = 50 kSPS
70
500
μA
Power Dissipation
VCC and VDRIVE @ 5 V, fSCLK = 50 kSPS
40
mW
TEMPERATURE RANGE
Specified Performance
Tested to max and min specifications
−40
+85
°C
1 All minimum and maximum specifications are guaranteed. Typical specifications are neither tested nor guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V
supplies.
3 Defined as the output change from ambient to maximum temperature or ambient to minimum temperature.
4 Frequency at which the response is 3 dB down from dc response. Bandwidth = 1/(2 × π × 180 kΩ × (22 nF + COUT)). For COUT = 0, bandwidth = 40 Hz. For COUT = 1 μF,
bandwidth = 0.87 Hz.
5 Self-test response varies with temperature.
6 For VIN < VCC.
7 All at TA = −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com