Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16080/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADIS16080
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
The ADIS16080 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame,
which is electrostatically driven to resonance. This produces the
necessary velocity element to produce a Coriolis force during
angular rate. At two of the outer extremes of each frame,
orthogonal to the dither motion, are movable fingers that are
placed between fixed pickoff fingers to form a capacitive pickoff
structure that senses Coriolis motion. The resulting signal is fed
to a series of gain and demodulation stages that produce the
electrical rate signal output. The rate signal is then converted to
a digital representation of the output on the SPI pins. The dual-
sensor design rejects external g forces and vibration. Fabricating
the sensor with the signal conditioning electronics preserves
signal integrity in noisy environments.
The electrostatic resonator requires 14 V to 16 V for operation.
Because only 5 V is typically available in most applications,
a charge pump is included on-chip.
After the demodulation stage, there is a single-pole, low-pass filter
included on-chip that is used to limit high frequency artifacts
before final amplification. The frequency response is dominated
by the second low-pass filter, which is set at 40 Hz. For additional
bandwidth reduction options, see the Setting Bandwidth section.
SUPPLY AND COMMON CONSIDERATIONS
Power supply noise and transient behaviors can influence the
accuracy and stability of any sensor-based measurement system.
When considering the power supply for the ADIS16080, it is
important to understand that the ADIS16080 provides 0.2 μF of
decoupling capacitance on the VCC pin. Depending on the level of
noise present in the system power supply, the ADIS16080 may not
require any additional decoupling capacitance for this supply.
The analog supply, VCC, and the digital drive supply, VDRIVE, are
segmented to allow multiple logic levels to be used in receiving the
digital output data. VDRIVE is intended for the down-stream logic
power supply and supports standard 3.3 V and 5 V logic families.
The VDRIVE supply does not have internal decoupling capacitors.
INCREASING MEASUREMENT RANGE
The full-scale measurement range of the ADIS16080 is increased
by placing an external resistor between the RATE pin and FILT pin,
which results in a parallel connection with the internal 180 kΩ,
1% resistor. For example, a 330 kΩ external resistor gives ~50%
increase in the full-scale range. This is effective for up to a 4×
increase in the full-scale range (minimum value of the parallel
resistor allowed is 45 kΩ). The internal circuitry headroom require-
ments prevent further increase in the linear full-scale output range.
The trade-offs associated with increasing the full-scale range are
potential increase in output null drift (as much as 2°/sec over
temperature) and introducing initial null bias errors that must
be calibrated.
SETTING BANDWIDTH
An external capacitor can be used in combination with an on-
chip resistor to create a low-pass filter to limit the bandwidth of
the ADIS16080 rate response.
The −3 dB frequency is defined as
(
)
(
)
μF
0.022
π
2
1/
+
×
×
×
=
OUT
OUT
OUT
C
R
f
where ROUT represents an internal impedance that was trimmed
during manufacturing to 180 kΩ ± 1%.
Any external resistor applied between the RATE pin and the
FILT pin results in
(
) (
)
EXT
EXT
OUT
R
R
R
+
×
=
kΩ
180
/
kΩ
180
With COUT = 0 μF, a default −3 dB frequency response of 40 Hz
is obtained based upon an internal 0.022 μF capacitor
implemented on-chip.
SELF-TEST FUNCTION
The ADIS16080 includes a self-test feature that actuates each of
the sensing structures and associated electronics in the same
manner as if subjected to angular rate. It provides a simple
method for exercising the mechanical structure of the sensor,
along with the entire signal processing circuit. It is activated by
standard logic high levels applied to inputs ST1, ST2, or both.
ST1 causes a change in the digital output equivalent to typically
−540 LSB, and ST2 causes an opposite +540 LSB change. The self-
test response follows the viscosity temperature dependence of the
package atmosphere, approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
Because ST1 and ST2 are not necessarily closely matched, actuating
both simultaneously can result in an apparent null bias shift.
CONTINUOUS SELF TEST
As an additional failure detection measure, power-on self test
can be performed. However, some applications can warrant
continuous self test while sensing rate.
RATE SENSITIVE AXIS
This is a z-axis rate-sensing device that is also called a yaw rate
sensor. It produces a positive going output voltage for clockwise
rotation about the axis normal to the package top, that is,
clockwise when looking down at the package lid.
2.5V
RATE
AXIS
RATE
RATE IN
GND
4.75V
0.25V
LATERAL AXIS
A1
LONGITUDINAL
AXIS
VCC = 5V
Figure 19. Rate Signal Increases with Clockwise Rotation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com