Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16080/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADIS16080
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
25
20
15
10
5
0
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
NULL (LSB)
AVERAGE = 2014.38
STD. DEVIATION = 99.3236
Figure 5. Initial Null Histogram
2080
2070
2060
2050
2040
2030
2020
2010
2000
4.7
5.3
–40°C
+25°C
+85°C
5.2
5.1
5.0
4.9
4.8
VCC (V)
Figure 6. Null Level vs. Supply Voltage
2080
2070
2060
2050
2040
2030
2020
2010
2000
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
30 PART AVERAGE, VCC = 4.75V
30 PART AVERAGE, VCC = 5.00V
30 PART AVERAGE, VCC = 5.25V
Figure 7. Null Level vs. Temperature
70
0
10
20
30
40
50
60
SUPPLY CURRENT (mA)
AVERAGE = 6.4mA
STD. DEVIATION = 0.2mA
Figure 8. Supply Current Histogram
20
18
16
14
12
10
8
6
4
2
0
ST1 (LSB)
AVERAGE = –519.6 LSB
STD. DEVIATION = 21.892 LSB
Figure 9. Self Test 1 Histogram
25
20
15
10
5
0
ST2 (LSB)
AVERAGE = 522.47 LSB
STD. DEVIATION = 19.9086 LSB
Figure 10. Self Test 2 Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com