Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16080/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADIS16080/PCBZ
Description  짹80째/sec Yaw Rate Gyro with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16080/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADIS16080/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16080/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADIS16080
Rev. 0 | Page 9 of 16
–400
–420
–440
–460
–480
–500
–520
–540
–560
–600
–580
4.7
5.3
5.2
5.1
5.0
4.9
4.8
VCC (V)
30 PART AVERAGE, TA = –40°C
30 PART AVERAGE, TA = +25°C
30 PART AVERAGE, TA = +85°C
Figure 11. Self Test 1 vs. Supply Voltage
600
400
450
500
550
4.7
5.3
5.2
5.1
5.0
4.9
4.8
VCC (V)
30 PART AVERAGE, TA = –40°C
30 PART AVERAGE, TA = +25°C
30 PART AVERAGE, TA = +85°C
Figure 12. Self Test 2 vs. Supply Voltage
–400
–420
–440
–460
–480
–500
–520
–540
–560
–580
–50
100
90
80
70
60
50
40
30
20
10
0
–10
–20
–30
–40
TEMPERATURE (°C)
30 PART AVERAGE, VCC = 4.75V
30 PART AVERAGE, VCC = 5.00V
30 PART AVERAGE, VCC = 5.25V
Figure 13. Self Test 1 vs. Temperature
600
580
560
540
520
500
480
460
440
420
400
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
30 PART AVERAGE, VCC = 4.75V
30 PART AVERAGE, VCC = 5.00V
30 PART AVERAGE, VCC = 5.25V
Figure 14. Self Test 2 vs. Temperature
0
–2.5
–2.0
–1.5
–1.0
–0.5
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
30 PART AVERAGE, VCC = 4.75V
30 PART AVERAGE, VCC = 5.00V
30 PART AVERAGE, VCC = 5.25V
Figure 15. ADC Offset vs. Temperature and Supply Voltage
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
30 PART AVERAGE, VCC = 4.75V
30 PART AVERAGE, VCC = 5.00V
30 PART AVERAGE, VCC = 5.25V
Figure 16. ADC Gain Error vs. Temperature (Excluding VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com