Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 4 Page - Analog Devices

  AD7763 Datasheet HTML 1Page - Analog Devices AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7763
Rev. 0 | Page 4 of 32
Parameter
Test Conditions/Comments
Specification
Unit
REFERENCE INPUT
VREF Input Voltage
VDD3 = 3.3 V ± 5%
+2.5
V max
VDD3 = 5 V ± 5%
+4.096
V max
VREF Input DC Leakage Current
±1
μA max
VREF Input Capacitance
5
pF max
POWER DISSIPATION
Total Power Dissipation
Normal power mode
955.5
mW max
Low power mode
651
mW max
Standby Mode
Clock stopped
6.35
mW typ
POWER REQUIREMENTS
AVDD1 (Modulator Supply)
±5%
+2.5
V
AVDD2 (General Supply)
±5%
+5
V
AVDD3 (Differential Amplifier Supply)
+3.15/+5.25
V min/max
AVDD4 (Reference Buffer Supply)
+3.15/+5.25
V min/max
DVDD
±5%
+2.5
V
VDRIVE
+1.65/+2.7
V min/max
Normal Mode
AIDD1 (Modulator)
49/52
mA typ/max
AIDD2 (General)
40/43
mA typ/max
AIDD4 (Reference Buffer)
AVDD4 = 5 V
35/37
mA typ/max
Low Power Mode
AIDD1 (Modulator)
26/28
mA typ/max
AIDD2 (General)
20/23
mA typ/max
AIDD4 (Reference Buffer)
AVDD4 = 5 V
10/11
mA typ/max
AIDD3 (Diff Amp)
AVDD3 = 5 V, both modes
41/45
mA typ/max
DIDD
Both modes
56/62
mA typ/max
DIGITAL I/O
MCLK Input Amplitude3
5
V typ
Input Capacitance
7.3
pF typ
Input Leakage Current
±1
μA/pin max
Three-State Leakage Current (SDO)
±1
μA max
VINH
0.7 × VDRIVE
V min
VINL
0.3 × VDRIVE
V max
VOH4
1.5
V min
VOL
0.1
V max
1 See the Terminology section.
2 SNR specifications in dB are referred to a full-scale input, FS, and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
3 While the AD7763 can function with an MCLK amplitude of less than 5 V, this is the recommended amplitude to achieve the performance as stated.
4 Tested with a 400 μA load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com