Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 1 Page - Analog Devices

  AD7763 Datasheet HTML 1Page - Analog Devices AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
24-Bit, 625 kSPS, 109 dB
Σ-Δ ADC
with On-Chip Buffers, Serial Interface
AD7763
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
120 dB dynamic range at 78 kHz output data rate
109 dB dynamic range at 625 kHz output data rate
112 dB SNR at 78 kHz output data rate
107 dB SNR at 625 kHz output data rate
625 kHz maximum fully filtered output word rate
Programmable oversampling rate (32× to 256×)
Flexible serial interface
Fully differential modulator input
On-chip differential amplifier for signal buffering
Low-pass finite impulse response (FIR) filter with default
or user-programmable coefficients
Overrange alert bit
Digital offset and gain correction registers
Low power and power-down modes
Synchronization of multiple devices via SYNC pin
I2S interface mode
APPLICATIONS
Data acquisition systems
Vibration analysis
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
AD7763
VIN+
VIN–
AVDD1
AGND
MCLK
DGND
VDRIVE
AVDD2
AVDD3
AVDD4
DVDD
DECAPA
RBIAS
DECAPB
MCLKGND
SYNC
RESET
SH2:0
ADR2:0
CDIV
CONTROL LOGIC
I/O
OFFSET AND GAIN
REGISTERS
DIFF
MULTIBIT
Σ-Δ
MODULATOR
RECONSTRUCTION
VREF+
REFGND
FIR FILTER
ENGINE
PROGRAMMABLE
DECIMATION
BUF
Figure 1.
GENERAL DESCRIPTION
The AD7763 high performance, 24-bit, Σ-Δ analog-to-digital
converter (ADC) combines wide input bandwidth and high
speed with the benefits of Σ-Δ conversion, as well as performance
of 107 dB SNR at 625 kSPS, making it ideal for high speed data
acquisition. A wide dynamic range, combined with significantly
reduced antialiasing requirements, simplifies the design process.
An integrated buffer to drive the reference, a differential ampli-
fier for signal buffering and level shifting, an overrange flag,
internal gain and offset registers, and a low-pass, digital FIR
filter make the AD7763 a compact, highly integrated data
acquisition device requiring minimal peripheral component
selection. In addition, the device offers programmable
decimation rates and a digital FIR filter, which can be user-
programmed to ensure that its characteristics are tailored for the
user’s application. The AD7763 is ideal for applications demanding
high SNR without necessitating the design of complex, front-
end signal processing.
The differential input is sampled at up to 40 MSPS by an analog
modulator. The modulator output is processed by a series
of low-pass filters, the final filter having default or user-
programmable coefficients. The sample rate, filter corner
frequencies, and output word rate are set by a combination of
the external clock frequency and the configuration registers of
the AD7763.
The reference voltage supplied to the AD7763 determines the
analog input range. With a 4 V reference, the analog input range
is ±3.2 V differential-biased around a common mode of 2 V.
This common-mode biasing can be achieved using the on-chip
differential amplifiers, further reducing the external signal
conditioning requirements.
The AD7763 is available in an exposed paddle, 64-lead TQFP_EP
and is specified over the industrial temperature range from
−40°C to +85°C.
Table 1. Related Devices
Part No.
Description
AD7760
24-bit, 2.5 MSPS, 100 dB Σ-Δ, parallel interface
AD7762
24-bit, 625 kSPS, 109 dB Σ-Δ, parallel interface


Similar Part No. - AD7763

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7763 AD-AD7763 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7763 AD-AD7763 Datasheet
642Kb / 33P
Sigma-Delta ADC with On-Chip Buffers, Serial Interface
1/14-Rev. A to Rev. B
AD7763 AD-AD7763 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7763BSVZ AD-AD7763BSVZ Datasheet
642Kb / 33P
Sigma-Delta ADC with On-Chip Buffers, Serial Interface
1/14-Rev. A to Rev. B
AD7763BSVZ-REEL AD-AD7763BSVZ-REEL Datasheet
642Kb / 33P
Sigma-Delta ADC with On-Chip Buffers, Serial Interface
1/14-Rev. A to Rev. B
More results

Similar Description - AD7763

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
591Kb / 28P
625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
8/05-Revision 0
AD7764 AD-AD7764 Datasheet
330Kb / 21P
24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
AD7765 AD-AD7765 Datasheet
330Kb / 21P
24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
6/07-Revision 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
Sigma-Delta ADC with On-Chip Buffers, Serial Interface
1/14-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com