Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7763 Datasheet HTML 10Page - Analog Devices AD7763 Datasheet HTML 11Page - Analog Devices AD7763 Datasheet HTML 12Page - Analog Devices AD7763 Datasheet HTML 13Page - Analog Devices AD7763 Datasheet HTML 14Page - Analog Devices AD7763 Datasheet HTML 15Page - Analog Devices AD7763 Datasheet HTML 16Page - Analog Devices AD7763 Datasheet HTML 17Page - Analog Devices AD7763 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7763
Rev. 0 | Page 14 of 32
THEORY OF OPERATION
The AD7763 employs a Σ-Δ conversion technique to convert
the analog input into an equivalent digital word. The modulator
samples the input waveform and outputs an equivalent digital
word to the digital filter at a rate equal to ICLK.
Due to the high oversampling rate, which spreads the quanti-
zation noise from 0 to f
ICLK, the noise energy contained in the
band of interest is reduced (see Figure 23). To further reduce
quantization noise, a high order modulator is employed to shape
the noise spectrum; thus, most of the noise energy is shifted out
of the band of interest (see Figure 24).
The digital filtering that follows the modulator removes the
large out-of-band quantization noise (see Figure 25), while
also reducing the data rate from f
ICLK at the input of the filter
to f
ICLK/32 or less at the output of the filter, depending on the
decimation rate used.
Digital filtering has certain advantages over analog filtering.
It does not introduce significant noise or distortion and can
be made perfectly linear phase.
The AD7763 employs three finite impulse response (FIR) filters
in series. By using different combinations of decimation ratios
and filter selection, data can be obtained from the AD7763 at
four different data rates. The first filter receives data from the
modulator at ICLK
MHz, where it is decimated × 4 to output
data at (ICLK/4)
MHz.
The second filter allows the decimation rate to be chosen from
8× to 32×. The third filter has a fixed decimation rate of 2x, is
user programmable, and has a default configuration (see the
Programmable FIR Filter section). This filter can be bypassed.
Table 6 shows some characteristics of the default filter. The group
delay of the filter is defined as the delay to the center of the
impulse response and is equal to the computation plus filter
delays. The delay until valid data is available (the DVALID status bit
is set) is equal to 2× the filter delay plus the computation delay.
QUANTIZATION NOISE
fICLK/2
BAND OF INTEREST
Figure 23. Σ-Δ ADC, Quantization Noise
fICLK/2
NOISE SHAPING
BAND OF INTEREST
Figure 24. Σ-Δ ADC, Noise Shaping
fICLK/2
BAND OF INTEREST
DIGITAL FILTER CUTOFF FREQUENCY
Figure 25. Σ-Δ ADC, Digital Filter Cutoff Frequency
Table 6. Configuration With Default Filter
ICLK
Frequency
Filter
1
Filter
2
Filter 3
Data State
Computation
Delay
Filter
Delay
Pass Band
Bandwidth
Output Data Rate
(ODR)
20 MHz
4×
4×
2×
Fully filtered
1.775 μs
44.4 μs
250 kHz
625 kHz
20 MHz
4×
8×
Bypassed
Partially
filtered
2.6 μs
10.8 μs
140.625 kHz
625 kHz
20 MHz
4×
8×
2×
Fully filtered
2.25 μs
87.6 μs
125 kHz
312.5 kHz
20 MHz
4×
16×
Bypassed
Partially
filtered
4.175 μs
20.4 μs
70.3125 kHz
312.5 kHz
20 MHz
4×
16×
2×
Fully filtered
3.1 μs
174 μs
62.5 kHz
156.25 kHz
20 MHz
4×
32×
Bypassed
Partially
filtered
7.325 μs
39.6 μs
35.156 kHz
156.25 kHz
20 MHz
4×
32×
2×
Fully filtered
4.65 μs
346.8 μs
31.25 kHz
78.125 kHz
12.288 MHz
4×
8×
2×
Fully filtered
3.66 μs
142.6 μs
76.8 kHz
192 kHz
12.288 MHz
4×
16×
2×
Fully filtered
5.05 μs
283.2 μs
38.4 kHz
96 kHz
12.288 MHz
4×
32×
Bypassed
Partially
filtered
11.92 μs
64.45 μs
21.6 kHz
96 kHz
12.288 MHz
4×
32×
2×
Fully filtered
7.57 μs
564.5 μs
19.2 kHz
48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com