Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 5 Page - Analog Devices

  AD7763 Datasheet HTML 1Page - Analog Devices AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD7763
Rev. 0 | Page 5 of 32
TIMING SPECIFICATIONS
AVDD1 = DVDD = VDRIVE = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, TA = 25°C, normal mode, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fMCLK
1
MHz min
Applied master clock frequency
40
MHz max
fICLK
500
kHz min
Internal modulator clock derived from MCLK
20
MHz max
t11
1 × tICLK or 0.5 × tICLK2
typ
SCO high period
t21
2
1 × tICLK or 0.5 × tICLK
typ
SCO low period
t3
tSCO3
typ
DRDY low period
t3A4
2
ns typ
SCO rising edge to DRDY falling edge
t3B4
3
ns typ
SCO rising edge to DRDY rising edge
t45
32 × tSCO3
typ
FSO low period
t4A4, 5
1
ns typ
SCO rising edge to FSO falling edge
t4B4, 5
2
ns typ
SCO falling edge to FSO rising edge
t5
6.5
ns max
Initial data access time
t64
5
ns max
SCO rising edge to SDO valid
t7
0.5 × tSCO3
ns min
SDO valid after SCO falling edge
t8
16 × tSCO3
typ
DRDY rising edge to SDL falling edge
t9
tSCO3
typ
SDL pulse width
t10
5.5
ns max
SDO three-state to SCO rising edge
t11
1 × tSCO3
min
FSI low period
t12
12
ns min
SDI setup time
t13
10
ns min
SDI hold time
t14
12
ns min
FSI setup time
t15
16 × tSCO3
typ
SDL falling edge to SDL falling edge
1 tICLK = 1/fICLK.
2 SCO frequency selected by SCR and CDIV pins.
3 tSCO = t1 + t2.
4 All edges mentioned refer to SCP = 0. Invert SCO edges for SCP = 1.
5 In decimate × 32 mode, this time specification applies only when CDIV = 0 and SCR =1. For all other combinations of CDIV and SCR in decimate × 32 mode, the FSO
signal is constantly logic low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com