Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices AD7763 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD7763
Rev. 0 | Page 6 of 32
TIMING DIAGRAMS
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ST6 ST5 ST4 ST3 ST2 ST1 ST0
FSO (O)
SCO (O)
DRDY (O)
SDO (O)
SDL (O)
t10
t4B
t4A
t3
t3B
t3A
t2
t5
t6
t7
t9
t1
t4
t8
t15
Figure 2. SPI® Interface Serial Read Timing Diagram
ALL
ADR2
ADR1
ADR0
RA11
RA10
RA1
RA0
D15
D14
D1
D0
SCO (O)
FSI (I)
SDI (I)
32 ×
tSCO
t1
t14
t12
t13
t2
t11
Figure 3. Register Write
SERIAL DATA FROM ADC A
32 ×
tSCO
SERIAL DATA FROM ADC B
SERIAL DATA FROM ADC C
SERIAL DATA FROM ADC D
FSO B
DRDY A (O)
SCO (O)
SDO (O)
FSO C
FSO D
FSO A
32 ×
tSCO
32 ×
tSCO
32 ×
tSCO
Figure 4. SPI Interface Serial Read Timing with Multiple AD7763 Devices Sharing the Serial Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com