Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices AD7763 Datasheet HTML 10Page - Analog Devices AD7763 Datasheet HTML 11Page - Analog Devices AD7763 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD7763
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
ADR1
46
ADR2
45
SH0
42
DGND
43
DGND
44
VDRIVE
48
ADR0
41
DVDD
40
SH1
39
SH2
37
RESET
36
SYNC
35
DGND
34
AGND1
33
AVDD1
38
DRDY
2
MCLKGND
3
MCLK
4
AVDD2
7
AGND1
6
AVDD1
5
AGND2
1
DGND
8
DECAPA
9
REFGND
10
VREF+
12
AVDD4
13
AGND2
14
AVDD2
15
AVDD2
16
AGND2
11
AGND4
PIN 1
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
AD7763
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
6, 33
AVDD1
Power Supply for Modulator, 2.5 V. These pins should be decoupled to AGND1 with 100 nF and
10 μF capacitors on each pin.
4, 14, 15, 27
AVDD2
Power Supply, 5 V. These pins should be decoupled to AGND2 with 100 nF capacitors on each of
Pin 4, Pin 14, and Pin 15. Pin 27 should be connected to Pin 14 via an 8.2 nH inductor.
24
AVDD3
Power Supply for Differential Amplifier, 3.3 V to 5 V. This pin should be decoupled to AGND3
with a 100 nF capacitor.
12
AVDD4
Power Supply for Reference Buffer, 3.3 V to 5 V. This pin should be decoupled to AGND4
with a 10 nF capacitor in series with a 10
Ω resistor.
7, 34
AGND1
Power Supply Ground for Analog Circuitry Powered by AVDD1.
5, 13, 16, 18, 28
AGND2
Power Supply Ground for Analog Circuitry Powered by AVDD2.
23, 29, 31, 32
AGND3
Power Supply Ground for Analog Circuitry Powered by AVDD3.
11
AGND4
Power Supply Ground for Analog Circuitry Powered by AVDD4.
9
REFGND
Reference Ground. Ground connection for the reference voltage.
41
DVDD
Power Supply for Digital Circuitry and FIR Filter, 2.5 V. This pin should be decoupled to DGND
with a 100 nF capacitor.
44, 63
VDRIVE
Logic Power Supply Input, 1.8 V to 2.5 V. The voltage supplied at these pins determines
the operating voltage of the logic interface. These pins must be connected together and
tied to the same supply. Each pin should also be decoupled to DGND with a 100 nF capacitor.
1, 35, 42, 43, 53, 57, 59,
62, 64
DGND
Ground Reference for Digital Circuitry.
19
VINA+
Positive Input to Differential Amplifier.
20
VINA−
Negative Input to Differential Amplifier.
21
VOUTA−
Negative Output from Differential Amplifier.
22
VOUTA+
Positive Output from Differential Amplifier.
25
VIN+
Positive Input to the Modulator.
26
VIN−
Negative Input to the Modulator.
10
VREF+
Reference Input. The input range of this pin is determined by the reference buffer
supply voltage (AVDD4). See the Reference Voltage Filtering section for more details.
8
DECAPA
Decoupling Pin. A 100 nF capacitor must be inserted between this pin and AGND1.
30
DECAPB
Decoupling Pin. A 33 pF capacitor must be inserted between this pin and AGND3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com