Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 3 Page - Analog Devices

  AD7763 Datasheet HTML 1Page - Analog Devices AD7763 Datasheet HTML 2Page - Analog Devices AD7763 Datasheet HTML 3Page - Analog Devices AD7763 Datasheet HTML 4Page - Analog Devices AD7763 Datasheet HTML 5Page - Analog Devices AD7763 Datasheet HTML 6Page - Analog Devices AD7763 Datasheet HTML 7Page - Analog Devices AD7763 Datasheet HTML 8Page - Analog Devices AD7763 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7763
Rev. 0 | Page 3 of 32
SPECIFICATIONS
AVDD1 = DVDD = VDRIVE = 2.5 V; AVDD2 = AVDD3 = AVDD4 = 5 V; VREF = 4.096 V; MCLK amplitude = 5 V; TA = 25°C; normal mode,
using on-chip amplifier with components as shown in Table 10, unless otherwise noted.1
Table 2.
Parameter
Test Conditions/Comments
Specification
Unit
DYNAMIC PERFORMANCE
Decimate × 256
MCLK = 40 MHz, ODR = 78 kHz, FIN = 1 kHz
Dynamic Range
Modulator inputs shorted
119
120.5
dB min
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dBFS
112
dB typ
Input amplitude = −60 dB
59
dBc typ
Nonharmonic, input amplitude = −6 dB
126
dBc typ
Spurious-Free Dynamic Range (SFDR)
Input amplitude = −60 dB
77
dBc typ
Input amplitude = −0.5 dBFS
−105
dB typ
Input amplitude = −6 dB
−106
dBc typ
Total Harmonic Distortion (THD)
Input amplitude = −60 dB
−75
dBc typ
Decimate × 64
MCLK = 40 MHz, ODR = 312.5 kHz, FIN = 1 kHz
Dynamic Range
Modulator inputs shorted
112
113
dB min
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dBFS
109.5
dB typ
Spurious-Free Dynamic Range (SFDR)
Nonharmonic, input amplitude = −6 dB
126
dBc typ
Decimate × 32
MCLK = 40 MHz, ODR = 625 kHz, FIN = 100 kHz
Dynamic Range
Modulator inputs shorted
108
109.5
dB min
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dBFS
107
dB typ
Nonharmonic, input amplitude = −6 dB
120
dBc typ
Input amplitude = −0.5 dBFS
−105
dB typ
Spurious-Free Dynamic Range (SFDR)
Total Harmonic Distortion (THD)
Input amplitude = −6 dB
−107
dBc typ
DC ACCURACY
Resolution
24
Bits
Differential Nonlinearity
Guaranteed monotonic to 24 bits
Integral Nonlinearity
0.00076
% typ
0.014
% typ
Zero Error
0.02
% max
Gain Error
0.018
% typ
Zero Error Drift
10
μ%FS/°C typ
Gain Error Drift
0.0002
%FS/°C typ
DIGITAL FILTER RESPONSE
Decimate × 32
Group Delay
MCLK = 40 MHz
47
μs typ
Decimate × 64
Group Delay
MCLK = 40 MHz
91.5
μs typ
Decimate × 256
Group Delay
MCLK = 40 MHz
358
μs typ
ANALOG INPUT
Differential Input Voltage
VIN(+) – VIN(−), VREF = 2.5 V
±2
V p-p
VIN(+) – Vin(−), VREF = 4.096 V
±3.25
V p-p
Input Capacitance
At internal buffer inputs
5
pF typ
At modulator inputs
55
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com