Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7763 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7763
Description  24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7763 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7763 Datasheet HTML 16Page - Analog Devices AD7763 Datasheet HTML 17Page - Analog Devices AD7763 Datasheet HTML 18Page - Analog Devices AD7763 Datasheet HTML 19Page - Analog Devices AD7763 Datasheet HTML 20Page - Analog Devices AD7763 Datasheet HTML 21Page - Analog Devices AD7763 Datasheet HTML 22Page - Analog Devices AD7763 Datasheet HTML 23Page - Analog Devices AD7763 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD7763
Rev. 0 | Page 20 of 32
DRIVING THE AD7763
The AD7763 has an on-chip differential amplifier that operates
with a supply voltage (AVDD3) from 3.15 V to 5.25 V. For a 4.096 V
reference, the supply voltage must be 5 V.
To achieve the specified performance in normal mode, the
differential amplifier should be configured as a first-order
antialias filter, as shown in Figure 31. Any additional filtering
should be carried out in previous stages using low noise, high
performance op amps, such as the AD8021.
Suitable component values for the first-order filter are shown in
Table 10. The values in Table 10 yield a 10 dB attenuation at the
first alias point of 19 MHz.
A1
RIN
RFB
CFB
RIN
RM
RM
CS
RFB
CFB
VIN–
A
B
VIN+
Figure 31. Differential Amplifier Configuration
Table 10. Normal Mode Component Values
VREF
RIN
RFB
RM
CS
CFB
4.096 V
1 kΩ
655 Ω
18 Ω
5.6 pF
33 pF
Figure 32 shows the signal conditioning that occurs using the
circuit in Figure 18 with a ±2.5 V input signal biased around
ground and having the component values and conditions in
Table 10.
The differential amplifier always biases the output signal to sit
on the optimum common mode of VREF/2, in this case, 2.048 V.
The signal is also scaled to give the maximum allowable voltage
swing with this reference value. This is calculated as 80% of
VREF; that is, 0.8 × 4.096 V ≈ 3.275 V p-p on each input.
To obtain maximum performance from the AD7763, it is
advisable to drive the ADC with differential signals. Figure 33
shows how a bipolar, single-ended signal biased around ground
can drive the AD7763 with the use of an external op amp, such as
the AD8021.
With a 4.096 V reference, a 5 V supply must be provided to the
reference buffer (AVDD4). With a 2.5 V reference, a 3.3 V supply
must be provided to AVDD4.
+2.5V
0V
–2.5V
+2.5V
0V
–2.5V
+3.685V
+2.048V
+0.410V
+3.685V
+2.048V
+0.410V
A
VIN+
VIN–
B
Figure 32. Differential Amplifier Signal Conditioning
A1
RIN
RFB
CFB
RIN
RM
RM
CS
RFB
CFB
VIN–
VIN
VIN+
AD8021
2R
2R
R
Figure 33. Single-Ended-to-Differential Conversion
CS2
CPB2
SS4
SH4
CPA
SS2
SH2
CS1
CPB1
SS3
SH3
SS1
SH1
ANALOG
MODULATOR
VIN+
Figure 34. Equivalent Input Circuit
The AD7763 employs a double sampling front end, as shown in
Figure 34. For simplicity, only the equivalent input circuit for
VIN+ is shown. The equivalent input circuitry for VIN− is the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com