Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 3 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 3 Page - Exxelia Group

  PRORELSIC125 Datasheet HTML 1Page - Exxelia Group PRORELSIC125 Datasheet HTML 2Page - Exxelia Group PRORELSIC125 Datasheet HTML 3Page - Exxelia Group PRORELSIC125 Datasheet HTML 4Page - Exxelia Group PRORELSIC125 Datasheet HTML 5Page - Exxelia Group PRORELSIC125 Datasheet HTML 6Page - Exxelia Group PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
108
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Dimensions
ESR
Z
F(1)
+20°C
max.
(Ω)
Il
+20°C
5 min.
max.
(µA)
I ~
100 Hz
Code
Ø
mm (inches)
L
mm (inches)
Typic
(Ω)
Max.
(Ω)
+85°C
max.
(A)
+125°C
max.
(A)
Rated voltage 25 V
15
6,5
(0,256)
15
(0,591)
6,4
10,61
4
4
0,16
0,07
A 701060
22
6,5
(0,256)
19
(0,748)
4,3
7,23
3
6
0,22
0,1
A 701061
47
8,5
(0,335)
19
(0,748)
1,7
2,85
1,6
8
0,26
0,11
A 701068
63
6,5
(0,256)
15
(0,591)
6,4
10,61
4
19
0,16
0,07
A 701069
68
10
(0,394)
19
(0,748)
1,4
2,34
1,2
9
0,44
0,2
A 701062
90
6,5
(0,256)
19
(0,748)
4,3
7,23
3
11
0,22
0,1
A 701070
100
10
(0,394)
19
(0,748)
0,95
1,59
0,8
12
0,6
0,27
A 701063
120
10
(0,394)
19
(0,748)
1,4
2,34
1,2
13
0,44
0,2
A 701072
150
10
(0,394)
25
(0,984)
0,63
1,06
0,6
15
0,83
0,37
A 701064
170
8,5
(0,335)
19
(0,748)
1,7
2,85
1,6
16
0,26
0,11
A 701071
220
12
(0,472)
25
(0,984)
0,48
0,72
0,48
21
1,05
0,47
A 701065
240
10
(0,394)
19
(0,748)
0,95
1,59
0,8
21
0,6
0,27
A 701073
330
12
(0,472)
30
(1,181)
0,32
0,48
0,36
29
1,39
0,62
A 701066
350
10
(0,394)
25
(0,984)
0,63
1,06
0,6
29
0,83
0,37
A 701074
460
12
(0,472)
25
(0,984)
0,48
1,72
0,48
39
1,05
0,47
A 701075
470
14
(0,551)
30
(1,181)
0,29
0,44
0,26
39
1,59
0,71
A 701067
680
16
(0,630)
30
(1,181)
0,2
0,3
0,23
55
2,1
0,92
A 703060
700
12
(0,472)
30
(1,181)
0,32
0,48
0,36
55
1,39
0,62
A 701076
1000
18
(0,709)
30
(1,181)
0,15
0,24
0,14
80
2,5
1,14
A 703061
1500
18
(0,709)
40
(1,575)
0,1
0,15
0,1
120
3,5
1,59
A 703062
2200
21
(0,827)
40
(1,575)
0,066
0,1
0,08
170
4,8
2,1
A 703063
3300
25
(0,984)
40
(1,575)
0,045
0,07
0,06
250
6,4
2,8
A 703520
3600
21
(0,827)
40
(1,575)
0,066
0,1
0,08
250
4,8
2,1
A 703064
4700
25
(0,984)
50
(1,969)
0,04
0,06
0,05
360
7,4
3,3
A 703521
6800
25
(0,984)
75
(2,953)
0,033
0,05
0,04
510
9,8
4,4
A 703522
Rated voltage 40 V
10
6,5
(0,256)
15
(0,591)
8
12,7
5,2
4
0,15
0,07
A 701080
15
6,5
(0,256)
19
(0,748)
5,3
8,49
3,9
6
0,2
0,09
A 701081
32
6,5
(0,256)
15
(0,591)
8
12,7
5,2
8
0,15
0,07
A 701089
33
8,5
(0,335)
19
(0,748)
2,4
3,86
2
8
0,34
0,15
A 701082
44
6,5
(0,256)
19
(0,748)
5,3
8,49
3,9
10
0,2
0,09
A 701090
44
8,5
(0,335)
19
(0,748)
2,4
3,86
2
10
0,34
0,15
A 701091
47
8,5
(0,335)
19
(0,748)
1,7
2,71
1,4
10
0,41
0,18
A 701083
68
10
(0,394)
19
(0,748)
1,2
1,87
1
12
0,53
0,24
A 701084
85
8,5
(0,335)
19
(0,748)
1,7
2,71
1,4
14
0,41
0,18
A 701092
100
10
(0,394)
25
(0,984)
0,8
1,27
0,78
16
0,73
0,33
A 701085
120
10
(0,394)
19
(0,748)
1,2
1,87
1
17
0,53
0,24
A 701093
150
12
(0,472)
25
(0,984)
0,53
0,84
0,52
22
1
0,44
A 701086
170
10
(0,394)
25
(0,984)
0,8
1,27
0,78
22
0,73
0,33
A 701094
220
12
(0,472)
30
(1,181)
0,36
0,57
0,38
30
1,31
0,59
A 701087
230
12
(0,472)
25
(0,984)
0,53
0,84
0,52
30
1
0,44
A 701095
330
14
(0,551)
30
(1,181)
0,32
0,48
0,3
44
1,51
0,68
A 701088
340
12
(0,472)
30
(1,181)
0,36
0,57
0,38
44
1,31
0,59
A 701096
470
16
(0,630)
30
(1,181)
0,23
0,34
0,25
60
1,9
0,86
A 703080
680
18
(0,709)
30
(1,181)
0,15
0,23
0,16
86
2,5
1,14
A 703081
1000
18
(0,709)
40
(1,575)
0,11
0,17
0,12
120
3,4
1,51
A 703082
1500
21
(0,827)
40
(1,575)
0,073
0,11
0,1
180
4,5
2
A 703083
2200
25
(0,984)
40
(1,575)
0,053
0,08
0,06
270
5,9
2,6
A 703530
3300
25
(0,984)
50
(1,969)
0,04
0,06
0,05
400
7,4
3,3
A 703531
4700
25
(0,984)
75
(2,953)
0,033
0,05
0,04
570
9,8
4,4
A 703532
(1) F = 10 kHz (C > 1000 µF), F = 100 kHz (C ≤ 1000 µF)
Z typ = Z max / 2
PRORELSIC 125
CO 52
5 000 h / 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com