Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 2 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 2 Page - Exxelia Group

  PRORELSIC125 Datasheet HTML 1Page - Exxelia Group PRORELSIC125 Datasheet HTML 2Page - Exxelia Group PRORELSIC125 Datasheet HTML 3Page - Exxelia Group PRORELSIC125 Datasheet HTML 4Page - Exxelia Group PRORELSIC125 Datasheet HTML 5Page - Exxelia Group PRORELSIC125 Datasheet HTML 6Page - Exxelia Group PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
107
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
PRORELSIC 125
5 000 h / 125°C
CO 52
Capacitance
(µF)
Dimensions
ESR
Z
F(1)
+20°C
max.
(Ω)
Il
+20°C
5 min.
max.
(µA)
I ~
100 Hz
Code
Ø
mm (inches)
L
mm (inches)
Typic
(Ω)
Max.
(Ω)
+85°C
max.
(A)
+125°C
max.
(A)
Rated voltage 10 V
47
6,5
(0,256)
15
(0,591)
3,6
5,42
4
5
0,22
0,1
A 701020
68
6,5
(0,256)
19
(0,748)
2,5
3,74
2,8
7
0,29
0,13
A 701021
100
6,5
(0,256)
15
(0,591)
3,6
5,42
4
8
0,22
0,1
A 701029
100
8,5
(0,335)
19
(0,748)
1,5
2,25
1,6
8
0,43
0,19
A 701028
150
6,5
(0,256)
19
(0,748)
2,5
3,74
2,8
9
0,29
0,13
A 701030
150
8,5
(0,335)
19
(0,748)
1,35
2,03
1,1
9
0,46
0,2
A 701022
220
10
(0,394)
19
(0,748)
0,77
1,15
0,8
11
0,66
0,3
A 701023
300
8,5
(0,335)
19
(0,748)
1,35
2,03
1,1
13,5
0,46
0,2
A 701031
330
10
(0,394)
25
(0,984)
0,51
0,77
0,5
14
0,92
0,41
A 701024
420
10
(0,394)
19
(0,748)
0,77
1,15
0,8
16
0,66
0,3
A 701032
470
12
(0,472)
25
(0,984)
0,36
0,54
0,4
18
1,21
0,54
A 701025
600
10
(0,394)
25
(0,984)
0,51
0,77
0,5
19
0,92
0,41
A 701033
680
12
(0,472)
30
(1,181)
0,25
0,37
0,3
24
1,57
0,7
A 701026
800
12
(0,472)
25
(0,984)
0,36
0,54
0,4
24
1,21
0,54
A 701034
1000
14
(0,551)
30
(1,181)
0,21
0,31
0,21
34
1,87
0,84
A 701027
1200
12
(0,472)
30
(1,181)
0,25
0,37
0,3
36
1,57
0,7
A 701035
1500
16
(0,630)
30
(1,181)
0,14
0,21
0,19
50
2,02
0,9
A 703020
1700
14
(0,551)
30
(1,181)
0,21
0,31
0,21
51
1,87
0,84
A 703036
2200
18
(0,709)
30
(1,181)
0,11
0,17
0,14
70
3
1,33
A 703021
2400
16
(0,630)
30
(1,181)
0,14
0,21
0,19
72
2,02
0,9
A 703024
3100
18
(0,709)
30
(1,181)
0,11
0,17
0,14
93
3
1,33
A 703025
3300
18
(0,709)
40
(1,575)
0,09
0,13
0,1
100
3,7
1,7
A 703022
4700
21
(0,827)
40
(1,575)
0,06
0,09
0,08
150
5
2,2
A 703023
4800
18
(0,709)
40
(1,575)
0,09
0,13
0,1
150
3,7
1,7
A 703026
6800
25
(0,984)
40
(1,575)
0,05
0,07
0,06
200
6
2,7
A 703500
7000
21
(0,827)
40
(1,575)
0,06
0,09
0,08
210
5
2,2
A 703027
10000
25
(0,984)
40
(1,575)
0,05
0,07
0,06
300
6
2,7
A 703028
10000
25
(0,984)
50
(1,969)
0,033
0,05
0,05
300
8,2
3,7
A 703501
14000
25
(0,984)
50
(1,969)
0,033
0,05
0,05
420
8,2
3,7
A 703029
15000
25
(0,984)
75
(2,953)
0,027
0,04
0,04
450
10
4,9
A 703502
25000
25
(0,984)
75
(2,953)
0,027
0,04
0,04
660
10
4,9
A 703030
Rated voltage 16 V
33
6,5
(0,256)
15
(0,591)
4,2
6,27
4
5
0,2
0,09
A 701040
47
6,5
(0,256)
19
(0,748)
2,9
4,4
3
8
0,27
0,12
A 701041
68
8,5
(0,335)
19
(0,748)
2
3,04
1,9
8
0,37
0,17
A 701042
100
6,5
(0,256)
15
(0,591)
4,2
6,27
4
9
0,2
0,09
A 701049
100
8,5
(0,335)
19
(0,748)
1,4
2,07
1,1
9
0,45
0,2
A 701043
150
6,5
(0,256)
19
(0,748)
2,9
4,4
3
11
0,27
0,12
A 701050
150
10
(0,394)
19
(0,748)
0,92
1,38
0,8
11
0,61
0,27
A 701044
220
10
(0,394)
25
(0,984)
0,63
0,94
0,6
15
0,83
0,37
A 701045
300
8,5
(0,335)
19
(0,748)
1,4
2,07
1,1
17
0,45
0,2
A 701052
330
12
(0,472)
25
(0,984)
0,41
0,62
0,4
20
1,14
0,51
A 701046
420
10
(0,394)
19
(0,748)
0,92
1,38
0,8
23
0,61
0,27
A 701053
470
12
(0,472)
30
(1,181)
0,33
0,5
0,3
27
1,37
0,61
A 701047
600
10
(0,394)
25
(0,984)
0,63
0,94
0,6
28
1,83
0,37
A 701054
680
14
(0,551)
30
(1,181)
0,25
0,37
0,23
37
1,71
0,77
A 701048
800
12
(0,472)
25
(0,984)
0,41
0,62
0,4
38
1,14
0,51
A 701055
1000
16
(0,630)
30
(1,181)
0,17
0,26
0,16
52
2,24
1
A 703040
1200
12
(0,472)
30
(1,181)
0,33
0,5
0,3
57
1,37
0,61
A 701056
1500
18
(0,709)
30
(1,181)
0,15
0,23
0,16
75
2,5
1,14
A 703041
1700
14
(0,551)
30
(1,181)
0,25
0,37
0,23
81
1,71
0,77
A 701057
2200
18
(0,709)
40
(1,575)
0,1
0,15
0,12
110
3,5
1,6
A 703042
2400
16
(0,630)
30
(1,181)
0,17
0,26
0,16
115
2,24
1
A 703044
3300
21
(0,827)
40
(1,575)
0,066
0,1
0,08
160
4,8
2,1
A 703043
4700
25
(0,984)
40
(1,575)
0,045
0,07
0,07
230
6,4
2,8
A 703510
6800
25
(0,984)
50
(1,969)
0,04
0,06
0,05
330
7,4
3,3
A 703511
10000
25
(0,984)
75
(2,953)
0,033
0,05
0,04
480
9,8
4,4
A 703512
(1) F = 10 kHz (C > 1000 µF), F = 100 kHz (C ≤ 1000 µF)
Z typ = Z max / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com