Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 4 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 4 Page - Exxelia Group

  PRORELSIC125 Datasheet HTML 1Page - Exxelia Group PRORELSIC125 Datasheet HTML 2Page - Exxelia Group PRORELSIC125 Datasheet HTML 3Page - Exxelia Group PRORELSIC125 Datasheet HTML 4Page - Exxelia Group PRORELSIC125 Datasheet HTML 5Page - Exxelia Group PRORELSIC125 Datasheet HTML 6Page - Exxelia Group PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
109
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Capacitance
(µF)
Dimensions
ESR
Z
F(1)
+20°C
max.
(Ω)
Il
+20°C
5 min.
max.
(µA)
I ~
100 Hz
Code
Ø
mm (inches)
L
mm (inches)
Typic
(Ω)
Max.
(Ω)
+85°C
max.
(A)
+125°C
max.
(A)
Rated voltage 63 V
4,7
6,5
(0,256)
15
(0,591)
9
18
4
3
0,12
0,06
A 701100
10
6,5
(0,256)
19
(0,748)
6,4
11,1
3
6
0,18
0,08
A 701101
15
8,5
(0,335)
19
(0,748)
2,9
5,24
1,6
9
0,31
0,14
A 701102
21
6,5
(0,256)
15
(0,591)
9
18
4
9
0,12
0,06
A 701108
22
8,5
(0,335)
19
(0,748)
2,1
4,2
1,2
9
0,36
0,16
A 701103
28
6,5
(0,256)
19
(0,748)
6,4
11,1
3
9
0,18
0,08
A 701109
28
8,5
(0,335)
19
(0,748)
2,9
5,24
1,6
9
0,31
0,14
A 701110
33
10
(0,394)
19
(0,748)
1,1
2,2
0,8
10
0,56
0,24
A 701104
47
10
(0,394)
25
(0,984)
0,9
1,8
0,6
13
0,69
0,31
A 701105
56
8,5
(0,335)
19
(0,748)
2,1
4,2
1,2
14
0,36
0,16
A 701111
68
10
(0,394)
25
(0,984)
0,7
1,4
0,5
17
0,78
0,35
A 701106
78
10
(0,394)
19
(0,748)
1,1
2,2
0,8
18
0,56
0,24
A 701112
100
12
(0,472)
30
(1,181)
0,4
0,8
0,3
23
1,24
0,56
A 701107
110
10
(0,394)
25
(0,984)
0,7
1,4
0,5
24
0,78
0,35
A 701113
220
16
(0,630)
30
(1,181)
0,27
0,41
0,3
46
1,78
0,8
A 703100
220
12
(0,472)
30
(1,181)
0,4
0,8
0,3
46
1,24
0,56
A 701114
330
18
(0,709)
30
(1,181)
0,2
0,3
0,2
66
2,2
0,99
A 703101
470
18
(0,709)
40
(1,575)
0,13
0,2
0,13
93
3,1
1,4
A 703102
550
16
(0,630)
30
(1,181)
0,27
0,41
0,3
100
1,78
0,8
A 703104
680
21
(0,827)
40
(1,575)
0,1
0,15
0,1
130
3,9
1,73
A 703103
1000
25
(0,984)
40
(1,575)
0,07
0,11
0,08
190
5,1
2,3
A 703540
1500
25
(0,984)
50
(1,969)
0,05
0,08
0,06
290
6,6
3
A 703541
2200
25
(0,984)
75
(2,953)
0,045
0,07
0,05
420
8,4
3,8
A 703542
Rated voltage 100 V
2,2
6,5
(0,256)
15
(0,591)
15
30
8
2
0,11
0,05
A 701120
4,7
6,5
(0,256)
19
(0,748)
9
15
4,5
5
0,15
0,07
A 701121
6,8
8,5
(0,335)
19
(0,748)
6
10
3
7
0,22
0,1
A 701122
8
6,5
(0,256)
15
(0,591)
15
30
8
8
0,11
0,05
A 701129
10
8,5
(0,335)
19
(0,748)
5,1
8,8
2,3
10
0,23
0,1
A 701123
12
6,5
(0,256)
19
(0,748)
9
15
4,5
10
0,15
0,07
A 701130
15
10
(0,394)
19
(0,748)
3,6
6,5
2
10
0,31
0,14
A 701124
22
10
(0,394)
19
(0,748)
2,5
4,4
1,4
11
0,37
0,16
A 701125
22
8,5
(0,335)
19
(0,748)
5,1
8,8
2,3
11
0,23
0,1
A 701131
33
10
(0,394)
19
(0,748)
2,5
4,4
1,4
14
0,37
0,16
A 701132
33
12
(0,472)
25
(0,984)
1,6
2,8
1,2
14
0,58
0,26
A 701126
47
12
(0,472)
30
(1,181)
1,2
1,8
1
18
0,72
0,32
A 701127
61
12
(0,472)
25
(0,984)
1,6
2,8
1,2
19
0,58
0,26
A 701133
68
14
(0,551)
30
(1,181)
0,9
1,4
0,7
24
0,9
0,4
A 701128
92
12
(0,472)
30
(1,181)
1,2
1,8
1
27
0,72
0,32
A 701134
100
16
(0,630)
30
(1,181)
0,5
0,75
0,5
34
1,31
0,58
A 703120
140
14
(0,551)
30
(1,181)
0,9
1,4
0,7
42
0,9
0,4
A 701135
150
16
(0,630)
30
(1,181)
0,4
0,6
0,4
49
1,46
0,65
A 703123
220
18
(0,709)
40
(1,575)
0,2
0,3
0,2
70
2,5
1,12
A 703121
220
16
(0,630)
30
(1,181)
0,4
0,6
0,4
70
1,46
0,65
A 703124
310
18
(0,709)
40
(1,575)
0,2
0,3
0,2
100
2,5
1,12
A 703125
330
21
(0,827)
40
(1,575)
0,15
0,22
0,15
100
3,2
1,41
A 703122
370
21
(0,827)
40
(1,575)
0,15
0,22
0,15
111
3,2
1,41
A 703126
470
25
(0,984)
40
(1,575)
0,12
0,18
0,12
150
3,9
1,74
A 703550
670
25
(0,984)
40
(1,575)
0,12
0,18
0,12
200
3,9
1,74
A 703127
680
25
(0,984)
50
(1,969)
0,1
0,15
0,1
200
4,7
2,1
A 703128
900
25
(0,984)
50
(1,969)
0,1
0,15
0,1
270
4,7
2,1
A 703130
1000
25
(0,984)
75
(2,953)
0,07
0,1
0,06
300
6,8
3
A 703552
1100
25
(0,984)
75
(2,953)
0,07
0,1
0,06
330
6,8
3
A 703131
2200
25
(0,984)
75
(2,953)
0,04
0,06
0,04
660
8,9
4
A 703553
(1) F = 10 kHz (C > 1000 µF), F = 100 kHz (C ≤ 1000 µF)
Z typ = Z max / 2
PRORELSIC 125
5 000 h / 125°C
CO 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com