Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 14 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 14 Page - Exxelia Group

Back Button PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group PRORELSIC125 Datasheet HTML 10Page - Exxelia Group PRORELSIC125 Datasheet HTML 11Page - Exxelia Group PRORELSIC125 Datasheet HTML 12Page - Exxelia Group PRORELSIC125 Datasheet HTML 13Page - Exxelia Group PRORELSIC125 Datasheet HTML 14Page - Exxelia Group PRORELSIC125 Datasheet HTML 15Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
13
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
ELECTROLYTIC ALUMINUM CAPACITORS
13
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Ring - clip mounting: FELSIC BC
Ring clips shall be ordered separately.
Tightening screws and nuts are supplied loosely.
Stirrup mounting: CUBISIC LP
Stirrups shall be ordered separately.
Tightening screws and nuts are supplied loosely
Salt mist endurance of screws and mounting accessories:
minimum 96 h (IEC 600 68-2-11)
PACKAGING
1. PACKAGING AND WEIGHT UNITS.
1.1. Capacitor with screw terminals
* Unit weight = typical values
Possible variations of = ± 25 % according to different voltage and
capacitance.
1.2. Radial solder types
* Unit weight = typical values
Possible variations of = ± 25 % according to different voltage and
capacitance.
1.3. Axial types
* Unit weight = typical values
Possible variations of = ± 25 % according to different voltage and
capacitance.
FELSIC BC - Metal ring-clips
12±0,5 (0,472±0,020)
27±0,8 (1,063±0,031)
12 (0,472)
12,5
±0,5
(0,4
92
±0,0
20
)
20±0,4
(0,787±0,016)
27±0,8
(1,063±0,031)
R±0,25(0,010)
Ø A Cap.
B
C
Code
Ø A Cap.
B
C
Code
36
(1,417)
54
(2,126)
63
(2,480) A 691901
51
(2,008)
33,5
(1,319)
11,8
(0,465) A 691905
66
(2,598)
39
(1,535)
10,5
(0,413) A 691913
73
(2,874)
44
(1,732)
10,5
(0,413) A 691914
77
(3,031)
44,5
(1,752)
10,5
(0,413) A 691907
90
(3,543)
53,3
(2,098)
11,8
(0,465) A 691915
CUBISIC /CUBISIC LP - Metal bracket
R 1,5 (0,059)
1 (0,039)
5 (0,197)
7(0,276)
R 2±1 (0,079±0,039)
Ø 4,2 (0,165)
8,5 (0,335)
Dimensions in mm (inches)
+1 (0,039)
–0
Ø A Cap.
A
B
C
Code
45x12 (1,772x 0,472) 69 (2,717) 45 (1,772) 10
(0,394)
A 691057
35x16 (1,378x 0,630) 59 (2,323) 35 (1,378) 14
(0,551)
A 691059
Can DIMENSIONS in mm (inches)
Unit weight *
Ø
H
(g)
36 (1,417)
36 (1,417)
36 (1,417)
36 (1,417)
51 (2,008)
51 (2,008)
51 (2,008)
51 (2,008)
51 (2,008)
51 (2,008)
47 (1,850)
60 (2,362)
80 (3,150)
104 (4,094)
47 (1,850)
62 (2,441)
81 (3,189)
104 (4,094)
112 (4,409)
144 (5,669)
52 (2,047)
81 (3,189)
105 (4,134)
63 (2,480)
82 (3,228)
105 (4,134)
53 (2,087)
70
79
100
120
80
105
190
260
270
370
66 (2,598)
66 (2,598)
104 (4,094)
112 (4,409)
105 (4,134)
430
460
73 (2,874)
73 (2,874)
104 (4,094)
144 (5,669)
112 (4,409)
600
680
77 (3,031)
77 (3,031)
77 (3,031)
77 (3,031)
104 (4,094)
144 (5,669)
200 (7,874)
220 (7,874)
105 (4,134)
145 (5,709)
221 (8,701)
620
860
1300
1400
90 (3,543)
90 (3,543)
90 (3,543)
67 (2,638)
144 (5,669)
200 (7,874)
145 (5,709)
600
1400
1800
Can dimensions
mm (inches)
ALSIC SNAP-
SIC
Ø
H
Weight* (g)
10 (0,394) 16 (0,630)
1,8
-
12,5 (0,492)
12,5 (0,492)
21 (0,827)
24 (0,945)
4,5
5
-
16 (0,630) 25 (0,984)
8,2
-
22 (0,866)
22 (0,866)
22 (0,866)
25 (0,984)
30 (1,181)
40 (1,575)
-
-
-
15
17
18
25 (0,984)
25 (0,984)
25 (0,984)
25 (0,984)
25 (0,984)
25 (0,984)
25 (0,984)
30 (1,181)
35 (1,378)
40 (1,575)
45 (1,772)
50 (1,969)
-
-
-
-
-
-
17
20
22
25
28
30
30 (1,181)
30 (1,181)
30 (1,181)
30 (1,181)
30 (1,181)
30 (1,181)
25 (0,984)
30 (1,181)
35 (1,378)
40 (1,575)
45 (1,772)
50 (1,969)
-
-
-
-
-
-
28
30
30
40
45
50
Can
dimensions
ALSIC SNAP-
SIC
Ø
H
Weight* (g)
35 (1,378)
35 (1,378)
35 (1,378)
35 (1,378)
35 (1,378)
35 (1,378)
30 (1,181)
40 (1,575)
45 (1,772)
50 (1,969)
75 (2,953)
100 (3,937)
-
-
-
-
-
-
50
50
52
60
95
125
40 (1,575)
40 (1,575)
40 (1,575)
40 (1,575)
40 (1,575)
50 (1,969)
75 (2,953)
100 (3,937)
-
-
-
-
65
100
130
170
45 (1,772)
45 (1,772)
45 (1,772)
45 (1,772)
45 (1,772)
45 (1,772)
45 (1,772)
21 (0,827)
(0,984)
30 (1,181)
35 (1,378)
45 (1,772)
75 (2,953)
100 (3,937)
-
-
-
-
-
-
-
50
60
73
85
110
180
240
Can DIMENSIONS in mm (inches)
CUBISIC
I
L
H
weight (g)
35 (1,378)
35 (1,378)
35 (1,378)
50 (1,969)
16 (0,630)
16 (0,630)
30
40
45 (1,772)
45 (1,772)
45 (1,772)
35 (1,378)
50 (1,969)
75 (2,953)
12 (0,472)
12 (0,472)
12 (0,472)
30
45
60
Can DIMENSIONS in mm (inches)
PRORELSIC
RELSIC
PRORELSIC
PROMISIC
SICAL CO 42
SICAL
Ø
H
Unit weight *
(g)
Unit weight *
(g)
Unit weight *
(g)
6,5 (0,256)
6,5 (0,256)
15 (0,591)
19 (0,748)
-
-
1,6
1,8
-
1,8
8,5 (0,335)
19 (0,748)
-
2,3
2,3
10 (0,394)
10 (0,394)
10 (0,394)
19 (0,748)
25 (0,984)
28 (1,102)
-
-
-
2,8
3,5
3,8
2,8
3,5
-
12 (0,472)
12 (0,472)
25 (0,984)
30 (1,181)
-
-
5
5,4
-
5,4
14 (0,551)
14 (0,551)
30 (1,181)
41 (1,614)
-
-
6,9
9,5
6,9
-
(0,630)
30 (1,181)
7,7
-
7,7
18 (0,709)
18 (0,709)
35 (1,378)
40 (1,575)
13,6
15,3
-
-
-
15,3
21 (0,827)
40 (1,575)
19,5
-
19,5
25 (0,984)
25 (0,984)
25 (0,984)
40 (1,575)
50 (1,969)
75 (2,953)
28
35
56
-
-
-
28
35
56
General technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com