Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 6 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 6 Page - Exxelia Group

Back Button PRORELSIC125 Datasheet HTML 2Page - Exxelia Group PRORELSIC125 Datasheet HTML 3Page - Exxelia Group PRORELSIC125 Datasheet HTML 4Page - Exxelia Group PRORELSIC125 Datasheet HTML 5Page - Exxelia Group PRORELSIC125 Datasheet HTML 6Page - Exxelia Group PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group PRORELSIC125 Datasheet HTML 10Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
111
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
PEAK VOLTAGE (V)
UR: rated voltage
Up: Repetitive standard peak voltage (30 s)
Us: Repetitive surge voltage (0,1 s)
Do not overstep this value without damage.
UR
10 V
16 V
25 V
40 V
63 V 100 V 160 V 250 V 350 V 450 V
Up
12
18
29
46
72
115
184
288
385
495
Us
235
340
540
620*
EXPECTED LIFE
As a function of temperature and ripple current
For Ø = 6,5 mm half life time values are applicable.
ƒ(Hz)
50
100
300
600
1 000
10 000
≥ 50
000
I
0,8 x I~
I~
1,2 x I~
1,3 x I~ 1,35 x I~ 1,5 x I~
1,6 x I~
PERMISSIBLE RIPPLE CURRENT I (R.M.S. VALUE)
versus frequency ƒ:
I ~: permissible r.m.s. current at 100 Hz
PRORELSIC 125
5 000 h / 125°C
CO 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com