Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 11 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 11 Page - Exxelia Group

Back Button PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group PRORELSIC125 Datasheet HTML 10Page - Exxelia Group PRORELSIC125 Datasheet HTML 11Page - Exxelia Group PRORELSIC125 Datasheet HTML 12Page - Exxelia Group PRORELSIC125 Datasheet HTML 13Page - Exxelia Group PRORELSIC125 Datasheet HTML 14Page - Exxelia Group PRORELSIC125 Datasheet HTML 15Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
10
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
ELECTROLYTIC ALUMINUM CAPACITORS
10
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Mean time between failures MTBF = 1/FR mesured in years
Multiplying factor of FR with voltage and temperature
7. MANUFACTURING FLOW CHART
Process controls
Range
Failure rate for a failure percentage not
exceeding 1% with a confidence level of 60 %
FELSIC 85 >350 V
FELSIC HC > 350 V
SNAPSIC - SNAPSIC HC > 350 V
SNAPSIC 4P > 350 V
PROMISIC 031 Ø = 6,5
SICAL CO 42 - SICAL > 350 V
50 FIT - (MTBF = 2280)
FELSIC 037 - 039
FELSIC 85 ≤ 350 V
FELSIC HC ≤ 350 V
CUBISIC
CI FRS
SNAPSIC 105 - SNAPSIC 105 4P
SNAPSIC 105 LP - SNAPSIC HV
SNAPSIC - SNAPSIC 4P ≤ 350 V
SNAPSIC HC ≤ 350 V
ALSIC IR - ALSIC 145 - ALSIC HV -
VACSIC 150 - VACSIC
SICAL CO 42 - SICAL ≤ 350 V
PRORELSIC 125 Ø = 6,5
RELSIC 033
PROMISIC 031 Ø > 6,5
25 FIT - (MTBF = 4560)
FELSIC 125 FRS - SNAPSIC 125
FELSIC HV - FELSIC 105
10 FIT - (MTBF = 11410)
PRORELSIC 125 Ø > 6,5
PRORELSIC 145
5 FIT - (MTBF = 22820)
Temperature (°C)
≤ 40
50
60
70
85
105 (1) 125 (1) 145 (1)
Factor
1
1,5
2,3
3,4
6,3
14
32
72
(1) Only for permitted capacitors
Percentage of rated voltage (2)
100 %
80 %
50 %
Factor
1
0,8
0,5
(2) This voltage has to be constant
Environ-
ment
Without vibration
Ground with vibrations or mob Ile
Ground,
fix
Controlled
air
Ground,
fix
PRORELSIC
SNAPSIC 20 g
FELSIC 20 g
FELSIC 10 g
PROMISIC
SICAL Ø ≤14
CI FRS -
SNAPSIC
RELSIC
SICAL Ø >14
ALSIC
Factor
1
2
2
4
6
12
General technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com