Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRORELSIC125 Datasheet(PDF) 1 Page - Exxelia Group

Part # PRORELSIC125
Description  5 000 h / 125°C
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

PRORELSIC125 Datasheet(HTML) 1 Page - Exxelia Group

  PRORELSIC125 Datasheet HTML 1Page - Exxelia Group PRORELSIC125 Datasheet HTML 2Page - Exxelia Group PRORELSIC125 Datasheet HTML 3Page - Exxelia Group PRORELSIC125 Datasheet HTML 4Page - Exxelia Group PRORELSIC125 Datasheet HTML 5Page - Exxelia Group PRORELSIC125 Datasheet HTML 6Page - Exxelia Group PRORELSIC125 Datasheet HTML 7Page - Exxelia Group PRORELSIC125 Datasheet HTML 8Page - Exxelia Group PRORELSIC125 Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
106
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
10 V ... 450 V
1 µF ... 25 000 µF
Ø 6,5 (0,256) ... Ø 25 (0,984)
– 55°C + 125°C
Long Life Time
RESISTANCE TO VIBRATIONS
DIMENSIONS in mm (inches)
Standard
ƒ (Hz)
10 - 2000 Hz
Amplitude
1,5 (0,059)
Acceleration
20 g - 196 m/s²
t (h)
3 x 2 h
Ø
d
a
6,5 - 18
(0,256 - 0,709)
0,8
(0,031)
4
(0,157)
21
(0,827)
1
(0,039)
4
(0,157)
25
(0,984)
1
(0,039)
8
(0,315)
APPLICATIONS
• Coupling / decoupling
• Smoothing
• Energy storage
• High frequency power supply system
• Telecommunication - m Ilitary applications
• Mob Ile and aircraft installations
Insulating aluminum case
Axial tin coated copper leads
Welded chain, providing perfect continuity of the circuit.
Tolerance on capacitance at 20°C : – 10 + 50 %
(on request)
: – 10 + 30 %
Operating temperature
: – 55°C +125°C
SPECIFICATIONS
NFC 83 110 - Model CO 52 - Long life
DIN 40040 FKD
DIN 41 257 - DIN 41 240
CECC 30 301-802 Issue 2
IEC 60 384.4 long life
Climatic category GPF: –55°C + 125°C / 56 days
Standard endurance test at UR = 2000 h / 125°C
WITHSTAND STRENGTH OF INSULATING SLEEVE
Insulating resistance at 20°C between leads and mounting hardware:
100 MΩ
Test voltage at 50 Hz 1 min. between leads and mounting hardware:
1000 V
Fire resistance: self extinguish 30 s (IEC 60 695-2-2) without PVC.
PRORELSIC 125
CO 52
5 000 h / 125°C
40 (1,575) min
L±2(0,079)
L±a
Dimensions in mm (inches)
40 (1,575) min
+
–


Similar Part No. - PRORELSIC125

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
PRORELSIC145 EXXELIA-PRORELSIC145 Datasheet
610Kb / 13P
2 000 h / 145°C
Revision 01/19
More results

Similar Description - PRORELSIC125

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CUBISIC EXXELIA-CUBISIC Datasheet
606Kb / 12P
8 000 h / 105°C
Revision 04/21
CUBISICHTLP EXXELIA-CUBISICHTLP Datasheet
119Kb / 3P
5 000 h / 125°C
Revision 04/22
CUBISICSLP EXXELIA-CUBISICSLP Datasheet
89Kb / 3P
5 000 h / 85°C
Revision 09/21
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSICCAPAX EXXELIA-FELSICCAPAX Datasheet
668Kb / 16P
15 000 h / 85°C
Revision 10/17
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
10 000 h / 85°C
Revision 07/16
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
10 000 h / 85°C
Revision 01/19
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC125 EXXELIA-SNAPSIC125 Datasheet
594Kb / 12P
8 000 h / 125°C
Revision 01/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com